Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6251-4.0ST25R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GM6251-4.0ST25R
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-4.0ST25R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GM6251-4.0ST25R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 10Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 11Page - List of Unclassifed Manufacturers GM6251-4.0ST25R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
G
F
GM6251
11
SOT-89 PACKAGE OUTLINE DIMENSIONS
Pad Layout
45°
1.5
0.7
2
1
4.50 ± 0.05
Units: mm
1.650 REF
1.400 REF
4.20 ± 0.05
1.00 ± 0.07
2.5 ± 0.05
0.46 ± 0.025
3.00 ± 0.025
1.50
1.50
1.50 ± 0.05
0.38 ± 0.01
R 0.13~3X
NO DRAFT~2
R 0.1 MAX
6°~2X
6°~2X
R 0.13~2X
R 0.13~2X
Unit: mm
R 0.13~4X
SOT-25(SOT-23-5) PACKAGE OUTLINE DIMENSIONS
Pad Layout
2.9 ± 0.1
0.074
1.9
0.037
0.095
0.037
0.095
0.094
2.4
0.028
0.7
Inches
mm
(
)
1.9 ± 0.05
0.95 ± 0.038
2.8 ± 0.1
0.15 ± 0.05
0.65 ± 0.05
0.35 ± 0.03
0.13
0~0.1
0.8 ± 0.05
1.10 ± 0.1


Similar Part No. - GM6251-4.0ST25R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-4.0ST25R GAMMA-GM6251-4.0ST25R Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-4.0ST25R GAMMA-GM6251-4.0ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-4.0ST25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com