Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7318 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7318
Description  3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7318 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7318 Datasheet HTML 2Page - Texas Instruments THS7318 Datasheet HTML 3Page - Texas Instruments THS7318 Datasheet HTML 4Page - Texas Instruments THS7318 Datasheet HTML 5Page - Texas Instruments THS7318 Datasheet HTML 6Page - Texas Instruments THS7318 Datasheet HTML 7Page - Texas Instruments THS7318 Datasheet HTML 8Page - Texas Instruments THS7318 Datasheet HTML 9Page - Texas Instruments THS7318 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
THS7318YZFR
ACTIVE
DSBGA
YZF
9
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
THS7318YZFT
ACTIVE
DSBGA
YZF
9
250
Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
7-Feb-2007
Addendum-Page 1


Similar Part No. - THS7318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7318 TI-THS7318 Datasheet
387Kb / 20P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
THS7318YZFR TI-THS7318YZFR Datasheet
387Kb / 20P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
THS7318YZFT TI-THS7318YZFT Datasheet
387Kb / 20P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
THS7318 TI-THS7318_07 Datasheet
387Kb / 20P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
More results

Similar Description - THS7318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7318 TI-THS7318_07 Datasheet
387Kb / 20P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
THS7319 TI-THS7319 Datasheet
758Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
THS7319 TI1-THS7319_14 Datasheet
889Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com