Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66520 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD66520
Description  160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66520 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD66520 Datasheet HTML 1Page - Hitachi Semiconductor HD66520 Datasheet HTML 2Page - Hitachi Semiconductor HD66520 Datasheet HTML 3Page - Hitachi Semiconductor HD66520 Datasheet HTML 4Page - Hitachi Semiconductor HD66520 Datasheet HTML 5Page - Hitachi Semiconductor HD66520 Datasheet HTML 6Page - Hitachi Semiconductor HD66520 Datasheet HTML 7Page - Hitachi Semiconductor HD66520 Datasheet HTML 8Page - Hitachi Semiconductor HD66520 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1014
HD66520T
(160-Channel 4-Level Grayscale Display Column Driver with
Internal Bit-Map RAM)
Description
The HD66520 is a column driver for liquid crystal dot-matrix graphic
display systems. This LSI
incorporates 160 liquid crystal drive circuits and a 160
× 240 × 2-bit bit-map RAM, which is suitable for
LCDs in portable information devices. It also includes a general-purpose SRAM interface so that draw
access can be easily implemented from a general-purpose CPU. The HD66520 also has a new arbitration
method which prevents flicker when the CPU performs draw access asynchronously. The on-chip display
RAM greatly decreases power consumption compared to previous liquid crystal display systems because
there is no need for high-speed data transfer. The chip also incorporates a four-level grayscale controller
for enhanced graphics capabilities, such as icons on a screen.
Features
• Duty cycle: 1/64 to 1/240
• Liquid crystal drive circuits: 160
• Low-voltage logic circuit: 3.0 to 5.5-V operation power supply voltage
• High-voltage liquid crystal drive circuit: 8 to 28-V liquid crystal drive voltage
• Grayscale display: FRC four-level grayscale display
• Grayscale memory management: Packed pixel
• Internal bit-map display RAM: 76800 bits (160 × 240 lines × two planes)
• CPU interface
 SRAM interface
 Address bus: 16 bits, data bus: 8 bits


Similar Part No. - HD66520

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66523 HITACHI-HD66523 Datasheet
145Kb / 19P
   (240-Channel Common Driver with Internal LCD Timing Circuit)
More results

Similar Description - HD66520

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
   144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
New Japan Radio
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
logo
Supertex, Inc
HV633PG-G SUTEX-HV633PG-G Datasheet
813Kb / 13P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV623 SUTEX-HV623 Datasheet
64Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_03 Datasheet
109Kb / 11P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
logo
New Japan Radio
NJU6578 NJRC-NJU6578 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6583 NJRC-NJU6583 Datasheet
1Mb / 40P
   BIT MAP LCD DRIVER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com