Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF6512M-02BJXX Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF6512M-02BJXX
Description  2.5 Flash Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF6512M-02BJXX Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF6512M-02BJXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MF6512M-02BJXX Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MITSUBISHI STORAGE CARD
Preliminary
MF6XXXX-02BJXX series
FLASH DRIVES
Oct.2000. Rev. 0.3
MITSUBISHI
ELECTRIC
11/18
Standby(96h, E2h)
This command causes the card to set BSY, enter the
Standby mode, clear BSY and generate an interrupt.
Standby Immediate(94h, E0h)
This command causes the card to set BSY, enter the
Standby mode, clear BSY and generate an interrupt.
Translate Sector(87h)
This command allows the host to know the number of
times an user sector has been erased and programmed.
This card doesn't support the Hot Count value.
Wear Leveling(F5h)
Although this command is supported for backward
compatibility, it has no actual function. The card will always
return good status at the completion of this command.
Write Buffer(E8h)
This command enables the host to overwrite contents of the
card’s sector buffer with any data pattern desired. This
command has the same protocol as the Write Sector(s)
command and transfers 512 bytes.
Write DMA(CAh, CBh)
This command enables the host to write sector data by the
Multiword DMA protocol.
Write Long Sector(32h, 33h)
This command is similar to the Write Sector(s) except the
contents of the Sector Count register are ignored and only
one sector is written. The 512 data bytes and 4 ECC bytes
are transferred from the host and then written from the
buffer to the flash.
Write Multiple(C5h)
This command is similar to the Write Sector(s) command.
Interrupts are not presented on each sector, but on the
transfer of a block which contains the number of sectors
defined by Set Multiple command.
Write Multiple without Erase(CDh)
This command is similar to the Write Multiple command.
The sectors should be pre-erased with the Erase Sector
command before this command is issued. If the sector is not
pre-erased, Write Multiple command operation will occur.
Write Sector(s)(30h, 31h)
This command transfers data from the host to the card. Data
transfer starts at the sector specified by the Cylinder, Head,
and Sector Number registers, and proceeds for the number
of sectors specified in the Sector Count register.
Write Sector without Erase(CDh)
This command is similar to the Write Sector(s) command.
The sectors should be pre-erased with the Erase Sector
command before this command is issued. If the sector is not
pre-erased, Write Sector command operation will occur.
Write Verify(3Ch)
This command is similar to the Write Sector(s) command,
except each sector is verified immediately after being
written.


Similar Part No. - MF6512M-02BJXX

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF65 RIEDON-MF65 Datasheet
237Kb / 1P
   Film Resistors
logo
Amphenol Corporation
MF65 AMPHENOL-MF65 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
GS Yuasa Battery Sales ...
MF655 GSYUASABATTERY-MF655 Datasheet
291Kb / 1P
   Capacity (20-hour) 126Ah
MF656 GSYUASABATTERY-MF656 Datasheet
283Kb / 1P
   Capacity (20-hour) 126Ah
MF657 GSYUASABATTERY-MF657 Datasheet
233Kb / 1P
   Capacity (20-hour) 142Ah
More results

Similar Description - MF6512M-02BJXX

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AI920 A-DATA-AI920 Datasheet
454Kb / 2P
   i-Memory Flash Drive Memory Flash Drive AI920
logo
List of Unclassifed Man...
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
logo
Apacer Technology Inc.
UM120-UFD5 APACER-UM120-UFD5 Datasheet
924Kb / 4P
   USB flash drive
UH110-UFD4 APACER-UH110-UFD4 Datasheet
1Mb / 4P
   USB flash drive
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
   USB flash drive
UH110-UFD1 APACER-UH110-UFD1 Datasheet
1Mb / 4P
   USB flash drive
UT110-UFD2 APACER-UT110-UFD2 Datasheet
1Mb / 4P
   USB flash drive
USZ20-UFD5 APACER-USZ20-UFD5 Datasheet
921Kb / 4P
   USB flash drive
logo
A-Data Technology
UV130 A-DATA-UV130 Datasheet
259Kb / 1P
   USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com