Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT245BDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT245BDWR
Description  3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT245BDWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVT245BDWR Datasheet HTML 1Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 2Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 3Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 4Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 5Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 6Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 7Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 8Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74LVT245B
3.3V ABT OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCES004H − JANUARY 1995 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
2.7 V
0 V
1.5 V
1.5 V
2.7 V
0 V
2.7 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVT245BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT245BDWR TI-SN74LVT245BDWR Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BDWRE4 TI-SN74LVT245BDWRE4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BDWRG4 TI-SN74LVT245BDWRG4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT245BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH245A-EP TI1-SN74LVTH245A-EP Datasheet
510Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B_10 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH32245 TI-SN74LVTH32245 Datasheet
277Kb / 10P
[Old version datasheet]   3.3 V ABT BUS TRANSCEIVER WITH 3 STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com