Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT245BDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT245BDWR
Description  3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT245BDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVT245BDWR Datasheet HTML 3Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 4Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 5Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 6Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 7Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 8Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 9Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 10Page - Texas Instruments SN74LVT245BDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 2


Similar Part No. - SN74LVT245BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT245BDWR TI-SN74LVT245BDWR Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BDWRE4 TI-SN74LVT245BDWRE4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BDWRG4 TI-SN74LVT245BDWRG4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT245BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH245A-EP TI1-SN74LVTH245A-EP Datasheet
510Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B_10 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH32245 TI-SN74LVTH32245 Datasheet
277Kb / 10P
[Old version datasheet]   3.3 V ABT BUS TRANSCEIVER WITH 3 STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com