Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2566L1-4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2566L1-4
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566L1-4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2566L1-4 Datasheet HTML 1Page - California Eastern Labs PS2566L1-4 Datasheet HTML 2Page - California Eastern Labs PS2566L1-4 Datasheet HTML 3Page - California Eastern Labs PS2566L1-4 Datasheet HTML 4Page - California Eastern Labs PS2566L1-4 Datasheet HTML 5Page - California Eastern Labs PS2566L1-4 Datasheet HTML 6Page - California Eastern Labs PS2566L1-4 Datasheet HTML 7Page - California Eastern Labs PS2566L1-4 Datasheet HTML 8Page - California Eastern Labs PS2566L1-4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DESCRIPTION
The PS2566-1, -2, -4 are optically coupled isolators containing GaAs light emitting diodes and an NPN silicon
darlington connected phototransistor.
The PS2566-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2566L-1, -2 -4 are lead bending type
(Gull-wing) for surface mount.
The PS2566L1-1, -2 -4 are lead bending type for long creepage distance.
The PS2566L2-1, -2 -4 are lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• AC input response
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 2 000% TYP.)
• High-speed switching (tr, tf = 100
µs TYP.)
• Ordering number of taping product: PS2566L-1-E3, E4, F3, F4, PS2566L-2-E3, E4, PS2566L2-1-E3, E4
• UL approved: File No. E72422
• CSA approved: No. CA 101391
• BSI approved: No. 7112/7420
• SEMKO approved: No. 0144211
• NEMKO approved: No. A21409
• DEMKO approved: No. 300535
• FIMKO approved: No. FI10620A1
• VDE approved (Option)
APPLICATIONS
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controller
HIGH ISOLATION VOLTAGE
AC INPUT, DARLINGTON TRANSISTOR TYPE
MULTI PHOTOCOUPLER SERIES
−NEPOC Series−
The mark
shows major revised points.
Document No. PN10237EJ02V0DS (2nd edition)
Date Published December 2003 CP(K)
PHOTOCOUPLER
PS2566-1,-2,-4,PS2566L-1,-2,-4
PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Similar Part No. - PS2566L1-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2566L1-1 NEC-PS2566L1-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566L1-1 RENESAS-PS2566L1-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
NEC
PS2566L1-1-V NEC-PS2566L1-1-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2566L1-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1 CEL-PS2506-1 Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2506-4-A ETC2-PS2506-4-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1-A CEL-PS2506-1-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com