Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7443 Datasheet(PDF) 1 Page - Filtran LTD

Part # 7443
Description  FILTER Passive Audio bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

7443 Datasheet(HTML) 1 Page - Filtran LTD

  7443 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The 7443 series are passive bandpass filters which have been designed for safety
critical applications. They are used in signalling, monitoring and supervisory sys-
tems where the information is carried by signals, typically in the audio frequency
band. The filters are designed to operate over the range of temperature experi-
enced in a non air-conditioned, unheated vehicle exposed to the temperature
extremes found anywhere in North America.
• The safety critical design feature provides that the output signal level falls
by at least 18 dB below normal if any internal component becomes shorted
or opens.
• The filters are mounted in hermetically sealed steel cans. These provide a
long life under adverse environmental conditions including high relative
humidity.
• The temperature stability is maximized by prolonged temperature cycling, prior to tuning, to reduce the disaccommodation factor
of the ferrite core materials. In addition, capacitors are selected whose temperature coefficient of capacitance is the inverse of the
temperature coefficient of inductance of the coils or transformers.
• All filters tolerate 350 volts peak-to-peak at frequencies outside the pass band.
• The filters are fitted with an octal plug to make the input and output connections. The filters have four 8-32 studs to provide
secure mounting and withstand vibration.
FILTER
Passive Audio bandpass Filter
7443 Series
MECHANICAL (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
ELECTRICAL SPECIFICATIONS @ 25˚C
Center frequency range:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250 Hz to 10 kHz
Bandwidth: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .± 30 Hz to ± 250 Hz
Input level range: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.1 V to 3.5 Vrms
Input Impedance:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200
Output Impedance:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2500
Steepness factor: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5 - 15
Steepness factor is defined as:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Bandwidth at 60 dB
Bandwidth at 3 dB
Voltage Insulation: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .750 VDC from input terminals to output terminals
Operating temperature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-20°C to +50°C
Storage temperature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to + 80°C
Note: Other frequencies, bandwidths, impedances and other characteristics are available upon request.


Similar Part No. - 7443

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744300006 WURTH-744300006 Datasheet
686Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
002.002
744300008 WURTH-744300008 Datasheet
687Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
002.002
744300010 WURTH-744300010 Datasheet
686Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
002.002
744300015 WURTH-744300015 Datasheet
686Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
002.002
744300022 WURTH-744300022 Datasheet
686Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
002.002
More results

Similar Description - 7443

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7444 FILTRAN-7444 Datasheet
100Kb / 1P
   FILTER Passive Audio Bandpass Filter
logo
CML Microcircuits
FX326 CMLMICRO-FX326 Datasheet
290Kb / 8P
   AUDIO BANDPASS FILTER
logo
Marki Microwave
MFB-5350 MARKIMICROWAVE-MFB-5350 Datasheet
279Kb / 5P
   Passive MMIC 40-67GHz Bandpass Filter
MFB-3300 MARKIMICROWAVE-MFB-3300 Datasheet
235Kb / 5P
   Passive MMIC 26-40GHz Bandpass Filter
MFB-2400 MARKIMICROWAVE-MFB-2400 Datasheet
310Kb / 7P
   Passive MMIC 21-27GHz Bandpass Filter
MFB-1445SM MARKIMICROWAVE-MFB-1445SM Datasheet
392Kb / 7P
   Passive MMIC 13.6-15.1 GHz Bandpass Filter
MFB-2025 MARKIMICROWAVE-MFB-2025 Datasheet
356Kb / 7P
   Passive MMIC 16-26 GHz Bandpass Filter
MFB-3325 MARKIMICROWAVE-MFB-3325 Datasheet
333Kb / 7P
   Passive MMIC 31.5-35 GHz Bandpass Filter
MFB-3475 MARKIMICROWAVE-MFB-3475 Datasheet
353Kb / 7P
   Passive MMIC 29.5-40 GHz Bandpass Filter
MFB-2500 MARKIMICROWAVE-MFB-2500 Datasheet
312Kb / 7P
   Passive MMIC 18-32 GHz Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com