Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8011 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8011
Description  T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8011 Datasheet(HTML) 1 Page - Filtran LTD

  8011 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATION @ 25˚C
Part No.
Turns Ratio
pri: sec
Primary Inductance
(mH typ)
Leakage Inductance
(
µH max)
Interwinding Capacitance
(pF max)
Primary
DCR
(
Ω max)
Dielectric
Strength
(Vrms)
Primary Pins
Schematic
8001
1:2.42CT
1:2.42CT
1.50
0.50
35
0.80
1500
1-3
6-8
2
8002
1CT:2CT
1:1.36CT
1.50
0.50
35
0.80
1500
16-14
6-8
4
8003
1:1.15CT
1CT:2CT
1.50
0.50
35
0.80
1500
16-14
6-8
3
8004
1:1/1.26
1CT:2CT
1.50
0.50
35
0.80
1500
16-14
6-8
3
8005
1CT: 1.15CT
1CT: 1.15CT
1.50
0.50
35
0.80
1500
1-3
6-8
1
8006
1CT:1CT
1CT:2CT
1.50
0.50
35
0.80
1500
16-14
6-8
1
8007
1CT:2CT
1CT:2CT
1.50
0.50
35
0.80
1500
16-14
6-8
1
8008
1:2.42CT
1:2.42CT
1.50
0.50
35
0.80
1500
11-9
16-14
5
8009
1CT:1.41CT
1CT:1.41CT
1.50
0.50
35
0.80
1500
16-14
6-8
1
8010
1CT:2.42CT
1CT:2.42CT
1.50
0.50
35
0.80
1500
1-3
6-8
1
8011
1CT:1CT
1CT:2.42CT
1.50
0.50
35
0.80
1500
9-11
1-3
1
8012
1CT:1CT
1CT:1.67CT
1.50
0.50
35
0.80
1500
6-8
14-16
1
-
AT&T &
Lucent
Technologies
T7290, T7288, T7290A
8002
T7289
8003
-
Brooktree /
UGA 510-1
8006
Rockwell
BT8370
8002
BT8069B
8006
R8069, R8069A, R8069B
8006
-
Crystal
61574, 61534, 61544, 61574, 6158, 61535
8007
61581
8006
61535A, 61574A, 61575, 6158A
8003
-
Dallas
DS21352, DS21354
8006
DS2186, DS2187
8002
DS2151, DS2152, DS2153, DS2154
8003
-
Exar
T5650, T5620, T5675, T5681, T5683
8007
56L22, 56L85, C240, C260, C262, C277
8007
T5791, T5793,T5794
8004
- Exar
T5684, T7288
8002
- Level One
LXT 300, LXT 301, LXT 305
8007
LXT 317
8006
LXT 359
8006
LXT 304A, LXT 305A
8004
LXT 310, LXT 311
8006
LXT 304A, LXT 305A
8003
LXT 360, LXT361, LXT 370
8007
LXT 318, LXT 319
8006
LXT 332
8007
- Mitel
MT9075, MT9074
8006
- PMC-Sierra
PM4341, PM6341, PM4314QDSX
8002
PM4351
8001, 8008 , 8010
- Siemens
PEB 2254
8009
PEB 2256
8011
- VLSI
VP14Q574, VP14Q575
8004, 8003
T1/CEPT
Units matched to leading transceiver ICs. Meet requirements for T1, E1, CEPT and PRI ISDN over extended temperature range –40 to +85˚C.
Extended Temperature Range
SMD Dual Line Interface Module
8001-8012
MECHANICAL AND SCHEMATIC (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


Similar Part No. - 8011

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8011 SONARDYNE-8011 Datasheet
116Kb / 2P
   RovNav 5 LBL Transceiver
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
   Bus Bar Wire, #12 Sol TC
05-05-2023
8011-000100 BELDEN-8011-000100 Datasheet
152Kb / 2P
   Bus Bar Wire, #12 Sol TC
05-05-2023
More results

Similar Description - 8011

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
   T1/CEPT Line Interface Transformers
logo
Filtran LTD
8020 FILTRAN-8020 Datasheet
149Kb / 1P
   T1/E1 Extended Temperature Range SMD Single Transformers
logo
Pulse A Technitrol Comp...
T1144T PULSE-T1144T Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
logo
List of Unclassifed Man...
T7290A ETC1-T7290A Datasheet
1Mb / 23P
   T7290A DS1/T1/CEPT Line Interface
T7290 ETC1-T7290 Datasheet
1Mb / 23P
   T7290 DS1/T1/CEPT Line Interface
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com