Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32562J6223 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # B32562J6223
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32562J6223 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  B32562J6223 Datasheet HTML 1Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 2Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 3Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 4Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 5Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 6Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 7Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 8Page - Siemens Semiconductor Group B32562J6223 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
56
Siemens Matsushita Components
MKT
7,5
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
400 Vdc
(200 Vac)
1,0 nF
2,5
× 5,5 × 9,0
B32560-J6102-+
2)
2)
2300
1,5 nF
2,5
× 5,5 × 9,0
B32560-J6152-+*** 3500
2900
2000
2,2 nF
2,5
× 5,5 × 9,0
B32560-J6222-+*** 3700
3000
2100
3,3 nF
2,5
× 5,5 × 9,0
B32560-J6332-+*** 3400
2800
2000
4,7 nF
2,5
× 5,5 × 9,0
B32560-J6472-+*** 3700
3000
2000
6,8 nF
2,5
× 5,5 × 9,0
B32560-J6682-+*** 3700
3000
2000
10 nF
2,5
× 5,5 × 9,0
B32560-J6103-+*** 3500
2800
2200
15 nF
2,5
× 5,5 × 9,0
B32560-J6153-+*** 3500
2800
2500
22 nF
2,5
× 5,5 × 9,0
B32560-J6223-+*** 3400
2700
2300
33 nF
2,6
× 6,0 × 9,0
B32560-J6333-+*** 3400
2700
1600
47 nF
3,2
× 6,5 × 9,0
B32560-J6473-+*** 2650
2200
1200
68 nF
3,8
× 7,3 × 9,0
B32560-J6683-+*** 2250
1900
1000
0,10
µF 4,9 × 7,7 × 9,0
B32560-J6104-+*** 1750
1400
500
0,15
µF 6,5 × 8,2 × 9,0
B32560-J6154-+
500
630 Vdc
(400 Vac)
1,0 nF
2,5
× 5,5 × 9,0
B32560-J8102-+
2)
2)
2300
1,5 nF
2,5
× 5,5 × 9,0
B32560-J8152-+*** 3500
2900
2000
2,2 nF
2,5
× 5,5 × 9,0
B32560-J8222-+*** 3700
3000
2100
3,3 nF
2,5
× 5,5 × 9,0
B32560-J8332-+*** 3400
2800
2000
4,7 nF
2,5
× 5,5 × 9,0
B32560-J8472-+*** 3400
2700
1800
6,8 nF
3,2
× 6,5 × 9,0
B32560-J8682-+*** 2900
2400
1300
10 nF
3,8
× 7,5 × 9,0
B32560-J8103-+*** 2400
2000
1000
Ordering codes and packing units, lead spacing 7,5 mm
VR
(
Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
1) Replace the + by the code letter for the required capacitance tolerance.
Replace the *** by the code number for the required packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
2) Taping upon request
B 32 560


Similar Part No. - B32562J6223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562J6224 EPCOS-B32562J6224 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32562J6223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com