Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8160 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8160
Description  T1/CEPT Quad Port T1/E1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8160 Datasheet(HTML) 1 Page - Filtran LTD

  8160 Datasheet HTML 1Page - Filtran LTD 8160 Datasheet HTML 2Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
T1/CEPT
An ISO 9001 Registered Company
• Eight transformers in a SMD package supporting four transmit
and four receive channels
• Units matched to leading dual and quad T1/E1/CEPT/ISDN-PRI IC’s
ELECTRICAL SPECIFICATION @ 25˚C
page 1
Quad Port T1/E1
8150-8163
MECHANICAL AND SCHEMATIC (All dimensions in inches)
UNLESS OTHERWISE SPECIFIED,
ALL TOLERANCES ARE ± .010
1.125 MAX
0.640 MAX
40 x 0.018
0.950
0.480
0.050
40 x 0.030
19 x 0.050 = (0.950)
0.010
.004 40 SURFACES
0.485
0.230 MAX
40 x 0.045
0
∞ - 8∞
0.050
81XX
FD/C
40 x 0.090
SUGGESTED PAD LAYOUT
SEE PAGE TWO
FOR SCHEMATICS
Turns Ratio
(Pri:Sec ±2%)
OCL @ 25 ˚C
(mH MIN)
Ll
(uH MAX)
CW
W//W
W
pF (MAX)
Primary Pins
Part
Number
TX
RX
TX
RX
TX
RX
TX
RX
Schematic
TX
RX
8150
1:2.4
1:1
1.0
1.0
0.5
0.5
35
35
F
1-2, 8-9, 11-12, 18-19
24-25, 27-28, 34-35, 37-38
8151
1:2CT
1CT:2
1.2
1.2
0.6
0.6
35
35
C
4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18
8152
1:2
1:2
1.2
1.2
0.6
0.6
35
35
E
1-3, 6-8, 11-13, 16-18
4-5, 9-10, 14-15,19-20
8153
1:1.15
1:1.15
1.2
1.2
0.6
0.6
35
35
E
1-3, 6-8, 11-13,16-18
4-5, 9-10, 14-15,19-20
8154
1:1/1.26
1:2CT
1.2
1.2
0.6
0.6
35
35
B
1-2, 6-7, 11-12,16-17
21-22, 26-27, 31-32, 36-37
8155
1:1.15
1:2CT
1.2
1.2
0.6
0.6
35
35
A
1-2, 6-7, 11-12,16-17
21-23, 26-28, 31-33, 36-38
8156
1CT:1.41
1CT:1.41
1.2
1.2
0.6
0.6
35
35
C
1-3, 6-8, 11-13, 16-18
21-23, 26-28, 31-33, 36-38
8157
1:2CT
1:1CT
1.2
1.2
0.6
0.6
35
35
B
1-2, 6-7, 11-12, 16-17
21-22, 26-27, 31-32, 36-37
8158
1:1.36CT
1:2CT
1.2
1.2
0.6
0.6
35
35
C
24-25, 29-30, 34-35, 39-40
4-5, 9-10, 14-15, 19-20
8159
1:2
1:2CT
1.2
1.2
0.6
0.6
35
35
D
1-2, 9-10,11-12, 19-20
23-25, 26-28, 33-35, 36-38
8160
1:2CT
1:2CT
1.2
1.2
0.6
0.6
35
35
C
4-5, 9-10, 14-15, 19-20
24-25, 29-30, 34-35, 39-40
8161
1:1.14
1:1.14CT
1.2
1.2
0.6
0.6
35
35
A
1-2, 6-7, 11-12, 16-17
38-36, 33-31, 28-26, 23-21
8162
1:1.36
1:1.36CT
1.2
1.2
0.4
0.5
20
20
A
1-2, 6-7, 11-12,16-17
38-36, 33-31, 28-26, 23-21
8163
1:2.4
1:1CT
1.0
1.0
0.5
0.5
35
35
G
1-2, 9-10,11-12, 19-20
38-37,35-34,28-27, 25-24
Crystal
61574
T1 & PCM-30
8160
61535A, 61574A, 61575, 6158A
T1
8155
61535A, 61574A, 61575, 6158A
E1
8160
61583
T1/E1(3.3V)
8152
61583
T1/E1(5.0V)
8153
61584, 61584A
IQ3
8160
Dallas
DS2186, DS2187
8158
DS2151, DS2152, DS2153, DS2154
T1,E1
8158
DS21Q352, DS21Q354
3V QUAD
8157
DS21Q552, DS21Q554
5V QUAD
8158
Exar
T5650, T5620, T5675, T5681, T5683
8160
56L22, 56L85, C240, C260, C262, C277
8160
T5793,T5794
QUAD E1
8154
T5684
T1
8158
T7288
CEPT
8158
Level One
LXT300/301/305
8160
LXT304A/305A
T1
8155
LXT304A/305A
PCM-30/75/120 8154
LXT310/311
8157
LXT317/318
T1/E1
8160
LXT317/318
T1/E1
8159
LXT317/318
T1/E1
8157
LXT331
E1
8157
LXT332
E1
8159
LXT332
E1
8160
LXT334
QUAD E1
8158
LXT335
QUAD T1
8157
LXT335
QUAD E1
8158
LXT360/361/370
T1/E1
8157
Lucnet
T7288
CEPT
8158
Technologies
T7289
DS1
8155
T7290
T1 & CEPT
8158
T7688
QUAD E1
8162
T7689
QUAD T1
8161
T7690
DS1
8161
T7690
CEPT
8162
PMC-Sierra
PM4341, PM6341
8158
PM4314
8158
PM4351-RI
T1
8163
Rockwell
BT8370
T1,E1
8158
R8069, R806A, R8069B
8157
Siemens
PEB2254
8156
PEB22554
8150
VLSI
VP14Q574
T1
8155
VP14Q574
E1
8155
VP14Q575
T1
8155
VP14Q575
E1 75
8155


Similar Part No. - 8160

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8160000000 LITTELFUSE-8160000000 Datasheet
47Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
81600000005 LITTELFUSE-81600000005 Datasheet
929Kb / 2P
   800/801/802/803 Series Panel Mount Enclosed Fuse Holders
Revised: 12/16/19
logo
Agilent(Hewlett-Packard...
81600B HP-81600B Datasheet
201Kb / 12P
   Tunable Laser Source Family
logo
Mallory performance clu...
81602 MALLORY-81602 Datasheet
637Kb / 4P
   MSD 20 Amp Pro Mag Generator
logo
Festo Corporation.
8160234 FESTO-8160234 Datasheet
78Kb / 1P
   Shock absorber
12/6/22
More results

Similar Description - 8160

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q1B XFMRS-XF0013Q1B_15 Datasheet
61Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q5C XFMRS-XF0013Q5C Datasheet
51Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q5E XFMRS-XF0013Q5E Datasheet
49Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q16A XFMRS-XF0013Q16A Datasheet
50Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q21 XFMRS-XF0013Q21 Datasheet
59Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q21D XFMRS-XF0013Q21D Datasheet
51Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q36 XFMRS-XF0013Q36 Datasheet
62Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013QS15B XFMRS-XF0013QS15B Datasheet
49Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013QN11 XFMRS-XF0013QN11 Datasheet
47Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q4C XFMRS-XF0013Q4C Datasheet
50Kb / 1P
   T1/E1/CEPT QUAD PORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com