Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4530AL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU4530AL
Description  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4530AL Datasheet(HTML) 4 Page - NXP Semiconductors

  BU4530AL Datasheet HTML 1Page - NXP Semiconductors BU4530AL Datasheet HTML 2Page - NXP Semiconductors BU4530AL Datasheet HTML 3Page - NXP Semiconductors BU4530AL Datasheet HTML 4Page - NXP Semiconductors BU4530AL Datasheet HTML 5Page - NXP Semiconductors BU4530AL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4530AL
Fig.9. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.10. Typical collector storage and fall time.
I
C =9 A; Tj = 85˚C; f = 32kHz
Fig.11. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C
Fig.12. Transient thermal impedance.
Fig.13. I
Csat during normal running vs. frequency of
operation for optimum performance
0.1
1
10
100
0.01
0.1
1
10
IC / IB = 5
- - -Tj = 85 C
Tj = 25 C
VCEsat / V
IC / A
1E-07
1E-05
1E-03
1E-01
1E+01
0.001
0.01
0.1
1
10
0.2
0.1
0.05
0.02
0.5
BU4530AL
Zth / (K/W)
t / s
D =
tp
tp
T
T
P
t
D
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
ts/tf / us
IB / A
0
20406080
100
0
2
4
6
8
10
Ic(sat) (A)
frequency (kHz)
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
April 1999
4
Rev 1.100


Similar Part No. - BU4530AL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU4530AL ISC-BU4530AL Datasheet
239Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BU4530AL

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com