Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3968CDW Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3968CDW
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3968CDW Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3968CDW Datasheet HTML 4Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 5Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 6Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 7Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 8Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 9Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 10Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 11Page - Maxim Integrated Products MAX3968CDW Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
8
_______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
VCC
VCCO
LOS+
FILTER
INV
VTH
TOP VIEW
LOS-
OUT-
OUT+
VCCO
SUB
IN+
IN-
RSSI
12
11
9
10
CZN
CZP
GND
GND
QSOP
MAX3964A
MAX3968
SQUELCH
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
VCC
GNDO
LOS+
FILTER
INV
VTH
LOS-
OUT-
OUT+
VCCO
SUB
IN+
IN-
RSSI
12
11
9
10
CZN
CZP
GND
GND
QSOP
MAX3965
SQUELCH
Pin Configurations
13
12
11
14
15
OUT+
OUT-
LOS-
LOS+
VCCO
4
3
2
1
IN-
RSSI
FILTER
INV
5
IN+
MAX3964AETP
TOP VIEW
THIN QFN


Similar Part No. - MAX3968CDW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3968C/D MAXIM-MAX3968C/D Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3968C/D MAXIM-MAX3968C/D Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3968C/DW MAXIM-MAX3968C/DW Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3968CEP MAXIM-MAX3968CEP Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3968CEP MAXIM-MAX3968CEP Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
More results

Similar Description - MAX3968CDW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com