Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W528S15 Datasheet(PDF) 10 Page - Winbond

Part # W528S15
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S15 Datasheet(HTML) 10 Page - Winbond

Back Button W528S15 Datasheet HTML 6Page - Winbond W528S15 Datasheet HTML 7Page - Winbond W528S15 Datasheet HTML 8Page - Winbond W528S15 Datasheet HTML 9Page - Winbond W528S15 Datasheet HTML 10Page - Winbond W528S15 Datasheet HTML 11Page - Winbond W528S15 Datasheet HTML 12Page - Winbond W528S15 Datasheet HTML 13Page - Winbond W528S15 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
W528SXX
- 10 -
GR = N defines the number of global repeats (from 1 to 16);
m1 and m2 define the number of local repeats (from 1 to 7);
SOUND1 and SOUND2 are the *.WAM files of ADPCM converted voice data;
_FL is the section control setting, for which the parameters F and L are as follows:
F: Voice output frequency setting:
0 = 4 KHz, 1 = 4.8 KHz, 2 = 6 KHz, 3 = 8 KHz;
L: LED output setting:
1: ON
0: OFF; and
[1FFFF] is a period of silence of length 1FFFF;
H4, T4: Represent head and tail ADPCM files, respectively.
E. Programmable Power-on Initialization
Whenever the W528xxx is powered on, the program contained in the 32nd voice group will be
executed after the power-on delay (about 160 mS), so the user can write a program into this group to
set the power-on initial state. If the user does not wish to execute a program at power-on, an "END"
instruction should be entered in group 32. The W528xxx power-on initialization process can be
interrupted by trigger inputs.
F. Progamming Examples
This section presents several examples of how the functions of the W528xxx may be programmed.
Customer programs should be written in ASCII code using a text editor; after compiling, the sound
effects resulting from the programs can be tested using a Winbond demo board.
EXAMPLE1: Four playing mode settings:
a. One-Shot Trigger Mode
0: LD EN, 0x01
; Enable TG1 falling edge input only.
H4 + sound1 + T4
END
The timing diagram for this example is shown below:
TG1:
TG1:
AUD:
AUD:
Sound 1
case 1:
case 2:
Sound 1


Similar Part No. - W528S15

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S15 WINBOND-W528S15 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
More results

Similar Description - W528S15

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
W523X WINBOND-W523X Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
   VOICE SYNTHESIZER
July 1986
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com