Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34653 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34653
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 7. Power MOSFET Turn-On and the Gradual
Increase in the Charging Current from 0 A to ICHG
(2.0 ms in Example)
The ICHG current charges up the load capacitor relatively
slowly. When the load capacitor is fully charged, the Power
MOSFET reaches its full enhancement, which triggers the
current limit detection to change from ICHG to ILIM and the load
current to decrease (Point C in Figure 6, page 10). The
current spike at Point C in Figure 6 is better displayed in
Figure 8. We can see that when the
⎜V
OUT - VIN ⎜< 0.5 V, the
Power MOSFET fully turns on to reach its full enhancement,
charging the capacitor an additional 0.5 V with a higher
current value that quickly ramps down. This eliminates the
need for a current slew rate control because the hazard for a
voltage change is less than 0.5 V. The power good output
signals activate after a 20 ms delay (Point D in Figure 6),
which in turn enables the load. The 34653 is now in normal
operation mode and the retry counter resets.
Figure 8. Full Power MOSFET Turn-On and Current
Spike Associated with It. End of Charging Process
NORMAL MODE
If one of the start-up conditions (list on page 10) is violated
any time from the start of the Power MOSFET enhancement
process and thereafter during normal operation, the Power
MOSFET turns off and the power good output signals
deactivate, disabling the load, and a new timer cycle starts as
explained previously. The 34653 also monitors the load
current to prevent any overload or short circuit conditions
from happening to protect the load from damage.
LOAD CURRENT CONTROL
When in normal operation mode, the 34653 monitors the
load and provides two modes of current control as explained
in the paragraphs below.
Overcurrent Mode
The 34653 monitors the load for overcurrent conditions. If
the current going through the load becomes larger than the
overcurrent limit for longer than the overcurrent limit filter
timer of 100
µs, the overcurrent signal is asserted and the
gate of the Power MOSFET is discharged to try to regulate
the current at the ILIM value (Point A in Figure 9). The 34653
is in overcurrent mode for 3.0 ms
. If after a 3.0 ms filter timer
the device is still in overcurrent mode, the device turns off the
Power MOSFET and deactivates the power good output
signals (Point B in Figure 9). The 34653 then initiates another
start-up timer and goes back through the enhancement
process. If during the 3.0 ms timer the fault was cleared, then
the 34653 goes back to the normal operation mode and the
power good output signals stay activated as shown in
Figure 10. This way the device overcomes temporary
overcurrent situations and at the same time protects the load
from a more severe overcurrent situation.
Short Circuit Mode
If the current going through the load becomes > 5.0 A, the
Power MOSFET is discharged very fast (in less than 10
µs)
to try to regulate the current at the ILIM value, and the 34653
is in the overcurrent mode for 3.0 ms. Then it follows the
pattern outlined in the Overcurrent Mode paragraph above.


Similar Part No. - 34653

ManufacturerPart #DatasheetDescription
logo
Heyco.
3465 HEYCO-3465 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Freescale Semiconductor...
34652 FREESCALE-34652 Datasheet
1Mb / 26P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34652 FREESCALE-34652_07 Datasheet
1Mb / 26P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Similar Description - 34653

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com