Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG1170P-D3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AG1170P-D3
Description  5V / 3.3V Low Power Ringing SLIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1170P-D3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AG1170P-D3 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 10Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 11Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 12Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
V1.9 September 2006
Data Sheet
Ag1170
+5V / +3.3V LOW POWER RINGING SLIC
5.2 Lightning and Power Cross Protection.
It is usual for the Ag1170 to be used in “on-premise”
applications, such as SOHO, CTI and VoIP.
In this
case power cross and lightning protection is not
required.
In
most
‘off-premise’
applications,
a
subscriber circuit will be required to withstand over
voltage conditions which could be caused by lightning
or overhead power cables striking the telephone
cables.
It
is
therefore
normal
in
“off-premise”
applications
to
provide
primary
and
secondary
protection circuits to prevent damage to the SLIC.
The Ag1170 has been designed to be able to use low
cost protection components, a typical circuit is shown
in Figure 5.
This circuit is suitable for most “on-
premise” applications.
With some additional components, the Ag1170 will
meet UL60950 requirements: a series element should
be added - a combination of a fuse (e.g. 350mA,
Bussman C515 or Littlefuse 220003) and a surge
resistor (25R typically). Alternatively a Teccor F1250T
or F0500T fuse may be used without a surge resistor.
For ITU-T K20 power cross protection, a PTC
thermistor (eg. type JH330L) of 30R is suitable. The
lightning protection is provided by steering diodes
connected to 0V and upgrading D1 to a Tranzorb
device (Motorola or STM 1.5KE82A). For lightning and
UL60950 power cross protection, D1 should be
upgraded further (General Semiconductor or Semitron
5KP75). Just one Tranzorb is needed per linecard.
6.0 Approvals.
It can be seen from the Electrical Characteristics given
on subsequent pages that the SLIC has been designed
to meet the equipment standards of as many major
public telephone authorities as possible.
It is the responsibility of the equipment design authority
to ensure that their system meets the requirements of
the relevant regulatory bodies. Every effort is made to
ensure that Silver Telecom products are compliant with
the latest standards.
7.0 A Typical Application.
The Ag1170 has been designed to interface to any
Codec. Applications drawings for many codecs and
DSP
chips
are
available.
Please
contact
Silver
Telecom or visit our website www.silvertel.com. An
example is shown in figure 5.
The status outputs from the SLIC are passed to the
micro-controller. These signals can then be processed
as necessary by the system software.
The audio signals which are on the 4 wire side of the
connection are coupled by 100nF capacitors to avoid
d.c. level problems between the two devices.
The Ag1170 provides for a 2 wire impedance and a
network balance impedance of 600
Ω.
For other
impedances the Ag1170-P can be used. This can be
programmed using external components (Section 3.2
and 3.3).
7.1 DC Supply Voltage
During operation the DC Supply Voltage MUST be
regulated within the limits shown in the Electrical
Characteristics – Section 9.0 of this datasheet. Use of
a “clean” power supply is extremely important. Should
the VCC supply rail go above the Absolute Maximum
Rating of 5.5V, for even a short time, then permanent
damage to the Ag1170 is likely to result.
We also advise that the designer performs a full
system evaluation, under all possible performance
conditions, to ensure that the VCC Maximum rating is
not exceeded.
In some applications, additional EMI suppression may
be needed. In this instance 3 capacitors can be added
to filter out the higher frequencies of the DC-DC
converter. See figure 6 for details.
Ag1170
Tip
Ring
ZB
V
OUT
1nF
1nF
100pF
Ag1170
Ag1170
Tip
Ring
ZB
V
OUT
1nF
1nF
100pF
Ag1170
Figure 6: Optional EMI Suppression
© Silver Telecom 2006
9


Similar Part No. - AG1170P-D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
More results

Similar Description - AG1170P-D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com