Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG9000-S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AG9000-S
Description  Power-Over-Ethernet Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG9000-S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AG9000-S Datasheet HTML 6Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 7Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 8Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 9Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 10Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 11Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 12Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 13Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
V2.4 Dec 2006
Data Sheet
Ag9000-S
Power-Over-Ethernet Module
One simple method for drawing some of the heat away from the Ag9000-S is shown in
Figure 9. Power planes connected to the +VDC and GND pins of the Ag9000-S can be
used to draw heat away from the DC/DC converter via the output pins.
These power planes must be on the outer layers of the PCB and the Ag9000-S must not
be fitted into a socket.
Output
Voltage
VA & VB
Inputs
R2
R1
R3
_
+
ADJ
CLASS
C1
Ag9000-S
1
+VDC
GND
Power
Plane
Figure 9: Power Plane Heatsink for Ag9000-S
Figure 10, Figure 11 & Figure 12 show the maximum ambient temperature under different
load conditions. These figure have been recorded in a sealed enclosure (in still air) using a
heater element to elevate the ambient temperature (within the enclosure).
-20
-10
0
10
203040
506070
1
4
2
5
3
Ambient Temperaure (°C)
6
Figure 10: Ag9033-S Operating Profile
© Silver Telecom 2006
11


Similar Part No. - AG9000-S

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AG910 RHOPOINT-AG910 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
AG910-06 RHOPOINT-AG910-06 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Silver Telecom 2019
AG9200-S SILVERTEL-AG9200-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
AG9203-S SILVERTEL-AG9203-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
AG9205-S SILVERTEL-AG9205-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
More results

Similar Description - AG9000-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
logo
Silver Telecom 2019
AG9700 SILVERTEL-AG9700 Datasheet
519Kb / 22P
   Power-Over-Ethernet Module
AG9200-S SILVERTEL-AG9200-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Silver Telecom 2019
AG5200 SILVERTEL-AG5200 Datasheet
639Kb / 14P
   Power-over-Ethernet Plus Module
AG5300 SILVERTEL-AG5300 Datasheet
739Kb / 19P
   Power-over-Ethernet Plus Module
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com