Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG9000-S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AG9000-S
Description  Power-Over-Ethernet Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG9000-S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AG9000-S Datasheet HTML 1Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 2Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 3Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 4Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 5Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 6Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 7Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 8Page - List of Unclassifed Manufacturers AG9000-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
V2.4 Dec 2006
Data Sheet
Ag9000-S
Power-Over-Ethernet Module
4. Pin Description
Pin #
Name
Description
1
VA1
RX Input (1)
. This input pin is used in conjunction with VA2 and
connects to the centre tap of the transformer connected to pins 1
& 2 of the RJ45 connector (RX) - it is not polarity sensitive.
2
VA2
TX Input (2)
. This input pin is used in conjunction with VA1 and
connects to the centre tap of the transformer connected to pins 3
& 6 of the RJ45 connector (TX) - it is not polarity sensitive.
3
VB1
Direct Input (1)
. This input pin is used in conjunction with VB2
and connects to pin 4 & 5 of the RJ45 connector - it is not polarity
sensitive.
4
VB2
Direct Input (2)
. This input pin is used in conjunction with VB1
and connects to pin 7 & 8 of the RJ45 connector - it is not polarity
sensitive.
5
CP1
Class Programming (1).
Connect an external resistor to CP2 will
change the current class of the module. With no resistor fitted the
Ag9000 will default to Class 0.
6
CP2
Class Programming (2).
Connect an external resistor to CP1 will
change the current class of the module. With no resistor fitted the
Ag9000 will default to Class 0.
7
GND
Ground.
The ground return for the +VDC output.
8
+VDC
DC Output.
This pin provides the regulated output from the
DC/DC converter.
9
ADJ
Output Adjust.
The output voltage can be adjusted from is
nominal value, by connecting an external resistor from this pin to
either the +VDC pin or the GND pin.
10
IC
Internal Connection.
Do not connect to this pin.
© Silver Telecom 2006
4


Similar Part No. - AG9000-S

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AG910 RHOPOINT-AG910 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
AG910-06 RHOPOINT-AG910-06 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Silver Telecom 2019
AG9200-S SILVERTEL-AG9200-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
AG9203-S SILVERTEL-AG9203-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
AG9205-S SILVERTEL-AG9205-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
More results

Similar Description - AG9000-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
logo
Silver Telecom 2019
AG9700 SILVERTEL-AG9700 Datasheet
519Kb / 22P
   Power-Over-Ethernet Module
AG9200-S SILVERTEL-AG9200-S Datasheet
276Kb / 14P
   Power-Over-Ethernet Module
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Silver Telecom 2019
AG5200 SILVERTEL-AG5200 Datasheet
639Kb / 14P
   Power-over-Ethernet Plus Module
AG5300 SILVERTEL-AG5300 Datasheet
739Kb / 19P
   Power-over-Ethernet Plus Module
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com