Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843002KT15N Datasheet(PDF) 4 Page - Filtran LTD

Part # 843002KT15N
Description  MULTILAYER Ceramic Chip Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843002KT15N Datasheet(HTML) 4 Page - Filtran LTD

  843002KT15N Datasheet HTML 1Page - Filtran LTD 843002KT15N Datasheet HTML 2Page - Filtran LTD 843002KT15N Datasheet HTML 3Page - Filtran LTD 843002KT15N Datasheet HTML 4Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MULTILAYER
Ceramic Chip Inductor
8430 Series
ENVIRONMENTAL CHARACTERISTICS
Item
Specification
Test Methods
1Bending Strength
Appearance: No damage
Test device shall be soldered on the substrate
Substrate Dimension: 95x23x1.5mm
Deflection: 2.0mm
Keeping Time: 30sec
2Resistance to
Soldering Heat
Appearance: No damage
L change: within
±10%
Q change: within
±20%
Pre-heating: 120
±20 ˚C, 1min
Solder Temperature: 260
±10 ˚C Immersion Time: 3±1sec
Measured after exposure in the room condition for 24hrs
3Solderability
The electrodes shall be at least
75% covered with new solder
coating
L change: within
±10%
Q change: within
±20%
Pre-heating: 120
±20 ˚C, 1min
Solder Temperature: 230
±10 ˚C
Immersion Time: 3
±1sec
4Temperature Cycle
One Cycle:
One cycle/step 1: 100
±5 ˚C for 30±1min
step 2: -40
±3 ˚C for 30±1min
Total: 100cycles
Measured after exposure in the room condition for 24hrs
5Humidity Resistance
Temperature: 40
±2 ˚C
Relative Humidity: 90~95%
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
6Heat Life
Temperature: 85
±2 ˚C
Applied Current: Rated Current
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
7Cold Resistance
Temperature: -40
±5 ˚C
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 4 of 4
PACKAGING
Unit: pcs
Packaging
Series
pcs/wheel
8430-03
4,000
8430-02
10,000
Packaging Quanitity
Reel Dimensions
Unit: mm
Series
A
B
C
D
8430-03
178
60
12
1.5
8430-02
178
60
12
1.5
Emboss Plastic Tape Specifications
Unit: mm
Series
A
B
K 0
WP
F
K
8430-03
1.1
1.9
0.95
8
4
3.5
0.95
8430-02
0.65
1.15
0.6
8
2
3.5
0.6


Similar Part No. - 843002KT15N

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843002 RENESAS-843002 Datasheet
571Kb / 18P
   Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
logo
Integrated Device Techn...
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
logo
Integrated Device Techn...
843002AGI-01LF IDT-843002AGI-01LF Datasheet
304Kb / 17P
   LVPECL Frequency Synthesizer
More results

Similar Description - 843002KT15N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
   MULTILAYER CERAMIC CHIP INDUCTOR
logo
KOA Speer Electronics, ...
MHL1ECT KOA-MHL1ECT Datasheet
120Kb / 3P
   multilayer ceramic inductor
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com