Selected language     English  ▼


D-5306X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. D-5306X
Description  SINGLE COLOR LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
n
Outline Dimensions
Unit: mm
SINGLE COLOR LED
HIGH
BRIGHTNESS
COLOR
D_5306X / F_5366X Series
D_5306X / F_5366X Series
V
mcd
Units
n
Electro-Optical Characteristics
Part No.
Clear
Pastel Yellow
Clear
Pastel Orange
Clear
Pastel Red
TYP.
IF
Wavelength
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2 q 1/2)
Blue
Blue Green
Green
Yellow
Orange
Red
1,000
2,400
2,400
4,000
2,000
5,000
2,500
3,600
1,800
20
20
20
20
20
20
20
20
20
467
502
522
592
609
635
470
505
525
590
605
626
26
30
30
15
15
15
20
20
20
20
20
20
3.5
3.5
3.5
1.9
1.9
1.9
4.0
4.0
4.0
2.4
2.4
2.4
20
20
20
20
20
20
100
100
100
100
100
100
5
5
5
5
5
5
10°
DB5306X
DC5306X
DG5306X
EFY5366X
FY5366X
EFA5366X
FA5366X
EFR5366X
FR5366X
InGaN/SiC
InGaN/SiC
InGaN/SiC
AlInGaP
AlInGaP
AlInGaP
mA
nm
mA
mA
µA
V
Deg.
MIN.
Spectral Line
Half Width
Dl
TYP.
Peak
lp
TYP.
Dominant
ld
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
Material
(Ta=25°C)
Blue Green
DC
100
25
60
5
n
Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating (DC)*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
DIF
mW
mA
mA
V
°C
°C
mA/°C
Units
Item
(Ta=25°C)
DG
100
25
60
5
EFY
125
50
200
5
FY
125
50
200
5
EFA
125
50
200
5
FA
125
50
200
5
EFR
125
50
200
5
FR
125
50
200
5
DB
100
25
60
5
-40 to +85
-40 to +100
0.33
0.67
* Ta=25°C, IFM applies for the pulse width £ 1msec. and duty cycle £1/20
The current derating for operation applies when the temperature is above 25°C
Yellow
Orange
Red
Blue
Green
500
1,200
1,200
2,800
1,000
3,500
1,250
2,520
900
*The viewing angle is an average and will vary by color
Water
Clear
70
60
50
40
30
20
10
0
DB, DC, DG
EFY, FY, EFA, FA, EFR, FR
n
Operation Current Derating Chart
n
Spatial Distribution (x)
f 5mm Round Shape
90˚
90˚
60˚
60˚
30˚
30˚
0.5
90˚
90˚
60˚
60˚
30˚
30˚
0.5
D_5306X
F_5366X
*Spatial distribution is viewed as a typical illustration and will vary by color




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2202SSINGLE COLOR LED 1 List of Unclassifed Manufacturers
LEF-C5002TFULL COLOR LED LAMPS 1 List of Unclassifed Manufacturers
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LIST-C155KGJSKTDual color chip LED 1 2 3 4 5 MoreLite-On Technology Corporation
LTC3490Single Cell 350mA LED Driver 1 2 3 4 5 MoreLinear Technology
2SC5612NPN TRILE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
NCP5604AHigh Efficiency White LED Driver 1 2 3 4 5 MoreON Semiconductor
D11EN6FPGD11 Expert Series Visible Green Blue or White LED Light Source 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SEL1010M5phi Round Standard LED 1 Sanken electric

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl