Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7107 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH7107
Description  FSK/FM/ASK Transmitter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH7107 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH7107 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TH7107
315/433MHz
FSK/FM/ASK Transmitter
3901007107
Page 1 of 14
Data Sheet
Rev. 005
Dec. 2001
Features
!
Fully integrated, PLL-stabilized VCO
!
Flexible frequency range from 310 MHz to 450 MHz
!
FSK through crystal pulling allows modulation from
DC to 20 kbit/s
!
High FSK deviation possible for wideband data
transmission
!
ASK achieved by on/off keying of internal
power amplifier
!
FM possible with external varactor
!
Wide power supply range from 2.2 V to 5.5 V
!
High over-all frequency accuracy
!
Very low standby current
!
Adjustable output power range from
-12 dBm to +2 dBm
!
Adjustable current consumption from
4.8 mA to 11.5 mA
!
FSK deviation and center frequency
independently adjustable
!
Differential output well-suited for loop
antenna
!
External clock available for µC drive,
down to 1.9 V supply
!
”Clock only” mode
!
Conforms to EN 300 220 and similar
standard
Ordering Information
Part No.
Temperature Range
Package
TH7107
-40 C° to 85 °C
SOIC16
Application Examples
Pin Description
!
Keyless car and central locking
!
Low-power telemetry
!
Alarm and security systems
!
General digital data transmission
!
General analog audio signal transmission
LF1
LF2
RO2
DATA
SUB
OUT1
VEE
VCC
TH7107
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
ENTX
RO1
CKOUT
ENCK
OUT2
PS
VCC
VEE


Similar Part No. - TH7107

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
logo
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
   315/433MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
   315/433MHz ASK Transmitter / LO Source
logo
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
   ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71072 MELEXIS-TH71072 Datasheet
255Kb / 10P
   315/433MHz ASK Transmitter / LO Source
More results

Similar Description - TH7107

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
   FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
   FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
   FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_12 Datasheet
850Kb / 20P
   FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_12 Datasheet
740Kb / 20P
   FSK/ASK Transmitter
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com