Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8582 Datasheet(PDF) 2 Page - Filtran LTD

Part # 8582
Description  Chokes Data Communication Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8582 Datasheet(HTML) 2 Page - Filtran LTD

  8582 Datasheet HTML 1Page - Filtran LTD 8582 Datasheet HTML 2Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part
Number
Turns
Ratio
(±2%)
Primary
Inductance
(µH MIN)
Leakage
Inductance
(µH MAX)
Interwinding
Capacitance
(pF MAX)
DCR
Pin
Layout
Mechanical
Dimensions
8575
1:1
9.5
0.20
10
0.40
8576
4:1
9.5
1.20
5.0
0.40
8577
1:1
20.1
0.20
5.0
0.20
8578
1:1
23
0.20
8.0
0.30
8579
2:1
23
0.4010
0.30
8580
1:1
50
0.2010
0.40
8580-1
1:1
33
0.4020
0.05
8581
4:1
90
1.00
5.0
0.40
8582
1:1
219
0.25
12
0.50
8583
3:1
251
1.00
5.0
0.50
8584
1:1
492
0.30
20
0.80
8585
1:1
850
0.30
50
0.30
8586
1:1
938
0.20
35
0.15
8587
1:1
1000
0.30
25
0.30
8588
2:1
1970
1.60
20
1.50
8589
1:1
2060
0.60
35
1.50
8590
4:1
2160
2.80
12
1.50
8591
1:1
4000
0.60
45
1.50
8592
1:1
11mH
65.0
5.0
5.00
8593
1:1
11.7mH
0.40
80
1.35
1C
8594
1:1:1
9.5
0.20
10
0.40
8595
1:1:1
23
0.20
8.0
0.30
8596
1:1:1
219
0.25
12
0.50
8597
1:1:1
469
3.50
3.0
0.40
8598
1:1:1
492
0.30
20
0.80
8599
1:1:1
2060
0.60
35
1.50
8600
1:1:1
5870
0.90
60
1.70
2A
8601
2CT:1
125
0.50
12
0.50
8602
1CT:1
219
0.30
13
0.60
8603
2CT:1
415
0.20
15
0.30
8604
1CT:1
540
0.40
22
0.90
8605
2CT:1
1970
0.70
35
1.50
8606
1CT:1
1970
1.00
36
1.60
3B
8607
1CT:1CT
400
85.0
3
0.30
8608
2CT:1CT
1710
3.00
20
1.00
8609
1CT:2CT
1800
1.00
20
1.00
8610
1CT:1CT
3200
2.00
27
1.00
8611
2CT:1CT
4350
3.00
20
1.00
8612
1CT:2CT
7600
0.80
25
1.80
4A
8613
1:1
50
0.2010
0.40
8614
1:1
219
0.25
12
0.50
8615
1:1
492
0.30
20
0.80
8616
1:1
2060
0.60
35
1.50
5C
8617
2:1:1
9.5
0.40
8
0.40
8618
2:1:1
540
0.80
10
0.80
8619
2:1:1
1020
2.00
30
1.50
8620
2:1:1
2160
1.60
20
1.50
6A
8621
2:1
219
0.60
8
0.50
8622
3:1
1970
1.80
15
1.50
7C
8623
3:3:2
400
0.50
15
0.20
8
A
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Chokes
An ISO 9001 Registered Company
page 2
Data Communications Circuits
8575-8623
Electrical Specifications @ 25˚C


Similar Part No. - 8582

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
8582 APITECH-8582 Datasheet
1Mb / 2P
   Data Communication Circuits
More results

Similar Description - 8582

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
8575-8623 APITECH-8575-8623 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
   Data Line Chokes
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
logo
Bourns Electronic Solut...
DR221 BOURNS-DR221 Datasheet
219Kb / 2P
   Surface Mount Data Line Chokes
logo
EPCOS
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
B82790C0502N201 EPCOS-B82790C0502N201 Datasheet
260Kb / 11P
   Data and signal line chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com