Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3257-LSDATXX Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MF3257-LSDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF3257-LSDATXX Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF3257-LSDATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF3257-LSDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
5/11
ELECTRICAL CHARACTERISTICS (LC series Ta= 0~55°C, V CC=4.50~5.25V, unless otherwise noted)
(LS series Ta=-20~70°C, V CC=4.50~5.25V, unless otherwise noted)
Limits
Min.
Typ.
Max.
VOH
High output voltage
IOH=-1.0mA
2.4
V
VOL
Low output voltage
IOL=1mA
0.4
V
IIH
High input current
VI=V CC V
10
µA
IIL
Low input current
VI =0V
CE1#, CE2#, WE#, OE#, REG#
-10
-70
µA
Other inputs
-10
IOZH
High output current
CE1#=CE2#=V IH or OE#=V IH WE#=V IH,
10
µA
in off state
VO=V CC
IOZL
Low output current
CE1#=CE2#=V IH or OE#=V IH WE#=V IH,
-10
µA
in off state
VO=0V
64KB~1MB
16bit
150
CE1#=CE2#=V IL
8bit
110
ICC 1 • 1
Active supply
Other inputs V IH or V IL
2MB
16bit
160
mA
current 1
Outputs=open
8bit
120
Cycle time=250ns
4MB
16bit
200
8bit
160
64KB~1MB
16bit
140
CE1#=CE2#
≤ 0.2V
8bit
100
ICC 1 • 2
Active supply
Other inputs
≤0.2V or
2MB
16bit
150
mA
current 2
≥ V CC -0.2V
8bit
110
Outputs=open
4MB
16bit
190
Cycle time=250ns
8bit
150
ICC 2 • 1
Standby supply current 1
CE1#=CE2#=V IH
Other inputs=V IH or V IL
10
mA
CE1#=CE2#
≥ VCC-0.2V
64KB,128KB
0.15
0.30
ICC 2 • 2
Standby supply current 2
Other inputs
≤ 0.2V or
256KB~1MB
0.15
0.45
mA
≥ VCC-0.2V
2MB,4MB
0.30
0.65
VBDET1
Battery detect
Vcc=5V,Ta=25
°C
V
reference voltage 1
¬
VBDET2
Battery detect
Vcc=5V,Ta=25
°C
V
reference voltage 2
¬
Note 2 : Currents flowing into the IC are taken as positive (unsigned).
3 : Typical values are measured at VCC =5V, Ta=25°C.
¬Pin asserted when battery voltage drops below specified level.
2.37
2.65
2.75
2.47
2.55
2.27
Symbol
Parameter
Test conditions
Unit


Similar Part No. - MF3257-LSDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF3257-LYCATXX MITSUBISHI-MF3257-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF3257-LZCATXX MITSUBISHI-MF3257-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF3257-LSDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com