Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC257E Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC257E
Description  Quad 2-Input Multiplexer with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC257E Datasheet(HTML) 7 Page - Texas Instruments

  CD74AC257E Datasheet HTML 1Page - Texas Instruments CD74AC257E Datasheet HTML 2Page - Texas Instruments CD74AC257E Datasheet HTML 3Page - Texas Instruments CD74AC257E Datasheet HTML 4Page - Texas Instruments CD74AC257E Datasheet HTML 5Page - Texas Instruments CD74AC257E Datasheet HTML 6Page - Texas Instruments CD74AC257E Datasheet HTML 7Page - Texas Instruments CD74AC257E Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 2. INPUTS OR SELECT TO OUTPUT PROPAGATION
DELAYS (AC/ACT257)
FIGURE 3. SELECT TO OUTPUT PROPAGATION DELAYS
(CD74ACT258)
90%
10%
tf = 3ns
tr = 3ns
nI0, nI1, S
tPLH
tPHL
VS
Y
INPUT
LEVEL
GND
VS
INPUT LEVEL
VS
S
tPLH
tPHL
VS
Y
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 4. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC257, CD54/74ACT257, CD74ACT258


Similar Part No. - CD74AC257E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257E TI-CD74AC257E Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257E TI-CD74AC257E Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257E TI-CD74AC257E Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257EE4 TI-CD74AC257EE4 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257EE4 TI-CD74AC257EE4 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results

Similar Description - CD74AC257E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com