Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F827 Datasheet(PDF) 10 Page - Motorola, Inc

Part # DSP56F827
Description  Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F827 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button DSP56F827 Datasheet HTML 6Page - Motorola, Inc DSP56F827 Datasheet HTML 7Page - Motorola, Inc DSP56F827 Datasheet HTML 8Page - Motorola, Inc DSP56F827 Datasheet HTML 9Page - Motorola, Inc DSP56F827 Datasheet HTML 10Page - Motorola, Inc DSP56F827 Datasheet HTML 11Page - Motorola, Inc DSP56F827 Datasheet HTML 12Page - Motorola, Inc DSP56F827 Datasheet HTML 13Page - Motorola, Inc DSP56F827 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
DSP56F826 Preliminary Technical Data
IRQA
32
Input
External Interrupt Request A—The IRQA input is a synchronized external
interrupt request that indicates that an external device is requesting service. It
can be programmed to be level-sensitive or negative-edge- triggered. If
level-sensitive triggering is selected, an external pull up resistor is required
for wired-OR operation.
If the processor is in the Stop state and IRQA is asserted, the processor will
exit the Stop state.
IRQB
33
Input
External Interrupt Request B—The IRQB input is an external interrupt
request that indicates that an external device is requesting service. It can be
programmed to be level-sensitive or negative-edge-triggered. If level-
sensitive triggering is selected, an external pull up resistor is required for
wired-OR operation.
MISO
GPIOF6
86
Input/Output
Input/Output
SPI Master In/Slave Out (MISO)—This serial data pin is an input to a
master device and an output from a slave device. The MISO line of a slave
device is placed in the high-impedance state if the slave device is not
selected.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is MISO.
MOSI
GPIOF5
85
Input/Output
Input/Output
SPI Master Out/Slave In (MOSI)—This serial data pin is an output from a
master device and an input to a slave device. The master device places data
on the MOSI line a half-cycle before the clock edge that the slave device
uses to latch the data.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
PS
29
Output
Program Memory Select—PS is asserted low for external program memory
access.
RD
26
Output
Read Enable—RD is asserted during external memory read cycles. When
RD is asserted low, pins D0–D15 become inputs and an external device is
enabled onto the DSP data bus. When RD is deasserted high, the external
data is latched inside the DSP. When RD is asserted, it qualifies the A0–A15,
PS, and DS pins. RD can be connected directly to the OE pin of a Static
RAM or ROM.
Table 3. DSP56F826 Signal and Package Information for the 100 Pin LQFP
All inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are always enabled.
Exceptions:
1.
When a pn is owned by GPIO, then the pull-up may be disabled under software control.
2.
TCK has a weak pull-down circuit always active.
Signal
Name
Pin No.
Type
Description


Similar Part No. - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F827 FREESCALE-DSP56F827 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827/D MOTOROLA-DSP56F827/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827E FREESCALE-DSP56F827E Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827E/D MOTOROLA-DSP56F827E/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827FG80 FREESCALE-DSP56F827FG80 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com