Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGY870 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LGY870
Description  Vorlaufige Daten / Preliminary Data
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGY870 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LGY870 Datasheet HTML 5Page - OSRAM GmbH LGY870 Datasheet HTML 6Page - OSRAM GmbH LGY870 Datasheet HTML 7Page - OSRAM GmbH LGY870 Datasheet HTML 8Page - OSRAM GmbH LGY870 Datasheet HTML 9Page - OSRAM GmbH LGY870 Datasheet HTML 10Page - OSRAM GmbH LGY870 Datasheet HTML 11Page - OSRAM GmbH LGY870 Datasheet HTML 12Page - OSRAM GmbH LGY870 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2001-06-26
10
LG Y870
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions Preconditioning acc. to JEDEC Level 2
IR-Reflow Lötprofil
(nach IPC 9501)
IR Reflow Soldering Profile
(acc. to IPC 9501)
OHLY0597
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
˚C
s
240-245 ˚C
10-40 s
183 ˚C
120 to 180 s
Defined for Preconditioning: up to 6 K/s
Ramp-down rate up to 6 K/s
Ramp-up rate up to 6 K/s
Defined for Preconditioning: 2-3 K/s


Similar Part No. - LGY870

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGY870-J2M1-1 OSRAM-LGY870-J2M1-1 Datasheet
498Kb / 20P
   white SMT package, colorless clear resin
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
More results

Similar Description - LGY870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com