Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3080EDGS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3080EDGS
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3080EDGS Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD3080EDGS Datasheet HTML 7Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 8Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 9Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 10Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 11Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 12Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 13Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 14Page - Texas Instruments SN65HVD3080EDGS Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VI − Bus Input Voltage − V
−60
−40
−20
0
20
40
60
80
−8
−6
−4
−2
0
2
4
6
8
10
12
VCC = 5 V
VCC = 0 V
Signaling Rate − kbps
1
10
100
0.1
1
10
Driver and Receiver
Receiver Only
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
Signaling Rate − kbps
1
10
100
1k
0.1
1
10
100
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
Receiver Only
Driver and Receiver
Signaling Rate − Mbps
0.001
0.01
0.1
100
0.1
1
10
100
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
10
1
Receiver Only
Driver and Receiver
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771A – NOVEMBER 2006 – REVISED DECEMBER 2006
INPUT BIAS CURRENT
SUPPLY CURRENT
vs
vs
BUS INPUT VOLTAGE
SIGNALING RATE
Figure 11.
Figure 12.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SIGNALING RATE
SIGNALING RATE
Figure 13.
Figure 14.
11
Submit Documentation Feedback


Similar Part No. - SN65HVD3080EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080EDGS TI-SN65HVD3080EDGS Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGS TI1-SN65HVD3080EDGS Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSG4 TI-SN65HVD3080EDGSG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSG4 TI1-SN65HVD3080EDGSG4 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSR TI-SN65HVD3080EDGSR Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3080EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com