Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS1G831CFP-Y5 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY5PS1G831CFP-Y5
Description  1Gb DDR2 SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS1G831CFP-Y5 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY5PS1G831CFP-Y5 Datasheet HTML 6Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 7Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 8Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 9Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 10Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 11Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 12Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 13Page - Hynix Semiconductor HY5PS1G831CFP-Y5 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Rev. 0.2 /Dec 2006
10
HY5PS1G431C(L)FP
HY5PS1G831C(L)FP
HY5PS1G1631C(L)FP
2. Maximum DC Ratings
2.1 Absolute Maximum DC Ratings
Note:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the
χεντερ/top side of the DRAM. For the measurement
conditions. please refer to JESD51-2 standard.
2.2 Operating Temperature Condition
Note:
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measure-
ment conditions, please refer to JESD51-2 standard.
2. At 85~95° TOPER , Double refresh rate(tREFI: 3.9us) is required, and to enter the self refresh mode at this tem-
perature range, an EMRS command is required to change
ιnternal refresh rate.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
II
Input leakage current; any input 0V VIN VDD;
all other balls not under test = 0V)
-2 uA ~ 2 uA
uA
IOZ
Output leakage current; 0V VOUT VDDQ; DQ
and ODT disabled
-5 uA ~ 5 uA
uA
Symbol
Parameter
Rating
Units
Notes
TOPER
Operating Temperature
0 to 95
°C
1,2


Similar Part No. - HY5PS1G831CFP-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G831CFP HYNIX-HY5PS1G831CFP Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
More results

Similar Description - HY5PS1G831CFP-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com