Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU24C04BPI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TU24C04BPI
Description  CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TU24C04BPI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TU24C04BPI Datasheet HTML 1Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 2Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 3Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 4Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 5Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 6Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 7Page - List of Unclassifed Manufacturers TU24C04BPI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
24C04
Turbo IC, Inc.
Random Read
CURRENT ADDRESS READ:
The internal memory address counter of the Turbo IC 24C04
contains the last memory address accessed during the pre-
vious read or write operation, incremented by one. To start
the current address read operation, the master issues a start
condition, followed by the device address byte 1010 (A2) (A1)
(B8) 1. The Turbo IC 24C04 responds with an acknowledge
by pulling the SDA bus low, and then serially shifts out the
data byte accessed from memory at the location correspond-
ing to the memory address counter. The master does not
acknowledge, then sends a stop condition to terminate the
read operation. It is noted that the memory address counter
is incremented by one after the data byte is shifted out.
RANDOM ADDRESS READ:
The master starts with a dummy write operation (one with no
data bytes) to load the internal memory address counter by
first issuing a start condition, followed by the device address
byte 1010 (A2) (A1) (B8) 0, followed by the memory address
bytes. Following the acknowledge from the Turbo IC 24C04,
the master starts the current read operation by issuing a start
condition, followed by the device address byte 1010 (A2) (A1)
(B8) 1. The Turbo IC 24C04 responds with
an acknowledge by pulling the SDA bus low, and then seri-
ally shifts out the data byte accessed from memory at the
location corresponding to the memory address counter. The
master does not acknowledge, then sends a stop condition
to terminate the read operation. It is noted that the memory
address counter is incremented by one after the data byte is
shifted out.
SEQUENTIAL READ:
The sequential read is initiated by either a current address
read or random address read. After the Turbo IC 24C04 seri-
ally shifts out the first data byte, the master acknowledges
by pulling the SDA bus low, indicating that it requires addi-
tional data bytes. After the data byte is shifted out, the Turbo
IC 24C04 increments the memory address counter by one.
Then the Turbo IC 24C04 shifts out the next data byte. The
sequential reads continues for as long as the master keeps
acknowledging. When the memory address counter is at the
last memory location, the counter will ‘roll-over’ when
incremented by one to the first location in memory (address
zero). The master terminates the sequential read operation
by not acknowledging, then sends a stop condition.
Current Address Read
SDA LINE
DEVICE
ADDRESS
S
T
O
P
N
O
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
S
T
A
R
T
R
E
A
D
DATA
PRODUCT INTRODUCTION
6
SDA LINE
DEVICE
ADDRESS
DATA n
S
T
O
P
N
O
A
C
K
A
C
K
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
S
T
A
R
T
W
R
I
T
E
//
//
R
E
A
D
DEVICE
ADDRESS
WORD
ADDRESS N
DUMMY WRITE


Similar Part No. - TU24C04BPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TU24C64CP2 ETC-TU24C64CP2 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CP3 ETC-TU24C64CP3 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CS2 ETC-TU24C64CS2 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CS3 ETC-TU24C64CS3 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
More results

Similar Description - TU24C04BPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
24C01 ETC1-24C01 Datasheet
45Kb / 8P
   CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C64 ETC-24C64 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
24C08 ETC1-24C08 Datasheet
45Kb / 8P
   CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
   8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com