Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3969SET-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3969SET-T
Description  Dual Full-Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3969SET-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3969SET-T Datasheet HTML 1Page - Allegro MicroSystems A3969SET-T Datasheet HTML 2Page - Allegro MicroSystems A3969SET-T Datasheet HTML 3Page - Allegro MicroSystems A3969SET-T Datasheet HTML 4Page - Allegro MicroSystems A3969SET-T Datasheet HTML 5Page - Allegro MicroSystems A3969SET-T Datasheet HTML 6Page - Allegro MicroSystems A3969SET-T Datasheet HTML 7Page - Allegro MicroSystems A3969SET-T Datasheet HTML 8Page - Allegro MicroSystems A3969SET-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Dual Full-Bridge PWM Motor Driver
A3969
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
PWM RC Frequency
fosc
CT = 680 pF, RT = 56 kΩ
22.9
25.4
27.9
kHz
PWM Propagation Delay Time
tPWM
Comparator Trip to Source OFF
1.0
1.4
μs
Cycle Reset to Source ON
0.8
1.2
μs
Cross-Over Dead Time
tcodt
100
Ω Load to 15 V
0.2
1.3
3.0
μs
Propagation Delay Times
tpd
IOUT = ±650 mA, 50% to 50%; VBB = 15 V:
ENABLE ON to Source ON
125
ns
ENABLE OFF to Source OFF
500
ns
ENABLE ON to Sink ON
200
ns
ENABLE OFF to Sink OFF
200
ns
PHASE Change to Sink ON
1500
ns
PHASE Change to Sink OFF
200
ns
PHASE Change to Source ON
1500
ns
PHASE Change to Source OFF
200
ns
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
ΔTJ
—15
°C
UVLO Enable Threshold
VT(UVLO)+
Increasing VCC
2.75
3.0
V
UVLO Hysteresis
VT(UVLO)hys
0.07
0.10
V
Logic Supply Current
ICC(ON)
VENABLE 1 = VENABLE 2 = 0.8 V
50
mA
ICC(OFF)
VENABLE 1 = VENABLE 2 = 2.4 V
9.0
mA
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 3.0 V to 3.6 V, VREF = 1.7 V,
VS = 0 V, 56 k
Ω and 680 pF RC to Ground (unless noted otherwise) (cont.)
Control Logic
(continued)
NOTES:
1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.


Similar Part No. - A3969SET-T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3960-0000T 3M-A3960-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-0010T 3M-A3960-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2000T 3M-A3960-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2010T 3M-A3960-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3961SB ALLEGRO-A3961SB Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - A3969SET-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com