Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWS08STR Datasheet(PDF) 1 Page - International Rectifier

Part # 8EWS08STR
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS08STR Datasheet(HTML) 1 Page - International Rectifier

  8EWS08STR Datasheet HTML 1Page - International Rectifier 8EWS08STR Datasheet HTML 2Page - International Rectifier 8EWS08STR Datasheet HTML 3Page - International Rectifier 8EWS08STR Datasheet HTML 4Page - International Rectifier 8EWS08STR Datasheet HTML 5Page - International Rectifier 8EWS08STR Datasheet HTML 6Page - International Rectifier 8EWS08STR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SURFACE MOUNTABLE
INPUT RECTIFIER DIODE
Lead-Free ("PbF" suffix)
Bulletin I2166 rev. B 09/05
V
F
< 1V @ 10A
I
FSM = 200A
V
RRM = 800V, 1200V
SAFE
IR Series
8EWS..SPbF
NEMA FR-4 or G10 glass fabric-based epoxy
1.2
1.6
with 4 oz (140µm) copper
Aluminum IMS, RthCA= 15°C/W
2.5
2.8
A
Aluminum IMS with heatsink, RthCA= 5°C/W
5.5
6.5
Output Current in Typical Applications
Applications
Single-phase Bridge Three-phase Bridge
Units
TO-252AA (D-Pak)
Major Ratings and Characteristics
Characteristics
Values
Units
Description/ Features
The 8EWS..SPbF rectifier SAFE
IR series has been
optimized for very low forward voltage drop, with
moderate leakage. The glass passivation technology
used has reliable operation up to 150° C junction
temperature.
The High Reverse Voltage range available allows
design of input stage primary rectification with
Outstanding Voltage Surge capability.
Typical applications are in input rectification and
these products are designed to be used with Interna-
tional Rectifier Switches and Output Rectifiers which
are available in identical package outlines.
TA = 55°C, TJ = 125°C, footprint 300mm2
IF(AV) Sinusoidal
waveform
A
VRRM
800, 1200
V
IFSM
200
A
VF
@ 10A, TJ = 25°C
1.10
V
TJ
- 40 to 150
°C
10
Package Outline
www.irf.com


Similar Part No. - 8EWS08STR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWS08STR VISHAY-8EWS08STR Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
logo
International Rectifier
8EWS08STRL IRF-8EWS08STRL Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08STRL VISHAY-8EWS08STRL Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS08STRLPBF VISHAY-8EWS08STRLPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS08STRPBF VISHAY-8EWS08STRPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com