Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWS08STRR Datasheet(PDF) 7 Page - International Rectifier

Part # 8EWS08STRR
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS08STRR Datasheet(HTML) 7 Page - International Rectifier

  8EWS08STRR Datasheet HTML 1Page - International Rectifier 8EWS08STRR Datasheet HTML 2Page - International Rectifier 8EWS08STRR Datasheet HTML 3Page - International Rectifier 8EWS08STRR Datasheet HTML 4Page - International Rectifier 8EWS08STRR Datasheet HTML 5Page - International Rectifier 8EWS08STRR Datasheet HTML 6Page - International Rectifier 8EWS08STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
8EWS..SPbF SAFE
IR Series
Bulletin I2166 rev. B 09/05
www.irf.com
Ordering Information Table
1
5
2
4
3
6
7
1
-
Current Rating (8 = 8A)
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
W = D-Pak
4
-
Type of Silicon:
S = Standard Recovery Rectifier
5
-
Voltage Ratings
6
-
S = Surface Mountable
7
-
TR
= Tape & Reel
TRR = Tape & Reel (Right Oriented)
TRL = Tape & Reel (Left Oriented)
8
-
none = Standard Production
PbF = Lead-Free
Device Code
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
8
E
W
S
12
S
TR PbF
8
08 = 800V
12 = 1200V


Similar Part No. - 8EWS08STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08STRR IRF-8EWS08STRR Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08STRR VISHAY-8EWS08STRR Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS08STRRPBF VISHAY-8EWS08STRRPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com