Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32564J6335M Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # B32564J6335M
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32564J6335M Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button B32564J6335M Datasheet HTML 5Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 6Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 7Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 8Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 9Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 10Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 11Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 12Page - Siemens Semiconductor Group B32564J6335M Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Siemens Matsushita Components
61
MKT
Technical data
Climatic category
in accordance with IEC 68-1
55/100/561)
Lower category temperature
Tmin
Upper category temperature
Tmax
− 55 °C
+ 100 °C (+ 125 °C for 1000 h and V
C = 0,5 ⋅ VR)
Damp heat test
56 days/40
°C/93 % relative humidity
Limit values after damp
heat test1)
Capacitance change |
∆C/C|
≤ 5 %
Dissipation factor change
∆ tan δ≤ 3 ⋅ 10−3 (at 1 kHz)
≤ 5 ⋅ 10−3 (at 10 kHz)
Insulation resistance
Ris
≥ 50 % of minimum
or time constant
τ = C
R ⋅ Ris
as-delivered values
Reliability:
Reference conditions
Failure rate
0,5
⋅ V
R; 40 °C
2
⋅10−9/h = 2 fit
For a conversion table for other operating conditions and tem-
peratures, refer to page 276.
Service life
200 000 h
Failure criteria:
Total failure
Failure due to variation
of parameters
Short circuit or open circuit
Capacitance change |
∆C/C|
> 10 %
Dissipation factor tan
δ> 2 ⋅ upper limit value
Insulation resistance
Ris
< 150 MΩ (C
R ≤ 0,33 µF)
or time constant
τ = C
R ⋅ Ris
< 50 s
(
CR > 0,33 µF)
DC test voltage
1,4
⋅ V
R, 2 s
Category voltage
VC
Operation with dc voltage or
ac voltage
Vrms up to 60 Hz
T
≤ 85 °C: V
C = 1,0 ⋅ VR or 1,0 ⋅ Vrms
T
≤ 100 °C: V
C = 0,8 ⋅ VR or 0,8 ⋅ Vrms
Category voltage for
short operating periods
T
≤ 100 °C: V
C = 1,25 ⋅ VR or 1,0 ⋅ Vrms for max. 2000 h
T
≤ 125 °C: V
C = 0,5 ⋅ VR or 0,5 ⋅ Vrms for max. 1000 h
Dissipation factor tan
δ (in 10−3)
at 20
°C
(upper limit values)
Insulation resistance
Ris
or time constant
τ = C
R ⋅ Ris
at 20
°C, rel. humidity ≤ 65 %
(minimum as-delivered values)
1) According to CECC 30401-007, test criteria must be met after exposure to damp heat for 21 days.
CR ≤ 0,1 µF 0,1 µF < CR ≤ 1 µF CR > 1 µF
at
1 kHz
8
8
10
10 kHz
15
15
100 kHz
30
VR
CR ≤ 0,33 µF
CR > 0,33 µF
≤ 100 Vdc
3750 M
1250 s
≥ 250 Vdc
7500 M
2500 s
B 32 560 … B 32 564


Similar Part No. - B32564J6335M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32564J6335 EPCOS-B32564J6335 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32564J6335M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com