Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWS08STRL Datasheet(PDF) 5 Page - International Rectifier

Part # 8EWS08STRL
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS08STRL Datasheet(HTML) 5 Page - International Rectifier

  8EWS08STRL Datasheet HTML 1Page - International Rectifier 8EWS08STRL Datasheet HTML 2Page - International Rectifier 8EWS08STRL Datasheet HTML 3Page - International Rectifier 8EWS08STRL Datasheet HTML 4Page - International Rectifier 8EWS08STRL Datasheet HTML 5Page - International Rectifier 8EWS08STRL Datasheet HTML 6Page - International Rectifier 8EWS08STRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
8EWS..SPbF SAFE
IR Series
Bulletin I2166 rev. B 09/05
www.irf.com
8EWS12S
RECTIFIER
ASSEMBLY
LOT CODE
LOGO
INTERNATIONAL
PART NUMBER
DATE CODE
P = LEAD-FREE
YEAR 0 = 2000
WEEK 12
LINE C
ASSEMBLED ON WW 12, 2000
LOT CODE 5K3A
THIS IS A 8EWS12S WITH
IN THE ASSEMBLY LINE "C"
Outline Table
Dimensions in millimeters and (inches)
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Gate
4 - Anode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
123
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 (0.09)
2x
Marking Information
Anode
1
3
Base
Cathode
Anode
4, 2


Similar Part No. - 8EWS08STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08STRL IRF-8EWS08STRL Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08STRL VISHAY-8EWS08STRL Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS08STRLPBF VISHAY-8EWS08STRLPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com