Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7824CT Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # LM7824CT
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7824CT Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button LM7824CT Datasheet HTML 5Page - Fairchild Semiconductor LM7824CT Datasheet HTML 6Page - Fairchild Semiconductor LM7824CT Datasheet HTML 7Page - Fairchild Semiconductor LM7824CT Datasheet HTML 8Page - Fairchild Semiconductor LM7824CT Datasheet HTML 9Page - Fairchild Semiconductor LM7824CT Datasheet HTML 10Page - Fairchild Semiconductor LM7824CT Datasheet HTML 11Page - Fairchild Semiconductor LM7824CT Datasheet HTML 12Page - Fairchild Semiconductor LM7824CT Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0.1
Electrical Characteristics (LM7815) (Continued)
Refer to the test circuits. -40°C
< TJ < 125°C, IO = 500mA, VI = 23V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
13. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
14. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
14.4
15.0
15.6
V
5mA
≤ IO ≤ 1A, PO ≤ 15W,
VI = 17.5V to 30V
14.25
15.0
15.75
Regline
Line Regulation(13)
TJ = +25°C VI = 17.5V to 30V
11.0
300
mV
VI = 20V to 26V
3.0
150
Regload
Load Regulation(13)
TJ = +25°C IO = 5mA to 1.5A
12.0
300
mV
IO = 250mA to 750mA
4.0
150
IQ
Quiescent Current
TJ = +25°C
5.2
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1A
0.5
mA
VI = 17.5V to 30V
1.0
∆VO/∆T Output Voltage Drift(14)
IO = 5mA
-1.0
mV/°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C
90.0
µV/VO
RR
Ripple Rejection(14)
f = 120Hz, VI = 18.5V to 28.5V
54.0
70.0
dB
VDROP
Dropout Voltage
IO = 1A, TJ = +25°C
2.0
V
rO
Output Resistance(14)
f = 1kHz
19.0
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C
250
mA
IPK
Peak Current(14)
TJ = +25°C
2.2
A


Similar Part No. - LM7824CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7824CT FAIRCHILD-LM7824CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7824CT NSC-LM7824CT Datasheet
303Kb / 10P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7824CT FAIRCHILD-LM7824CT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7824CT FAIRCHILD-LM7824CT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Comset Semiconductor
LM7824CT COMSET-LM7824CT Datasheet
100Kb / 3P
   Positive Voltage Regulators
More results

Similar Description - LM7824CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com