Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC141803T Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC141803T
Description  LCD Segment / Common Driver with Controller CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141803T Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC141803T Datasheet HTML 3Page - Motorola, Inc MC141803T Datasheet HTML 4Page - Motorola, Inc MC141803T Datasheet HTML 5Page - Motorola, Inc MC141803T Datasheet HTML 6Page - Motorola, Inc MC141803T Datasheet HTML 7Page - Motorola, Inc MC141803T Datasheet HTML 8Page - Motorola, Inc MC141803T Datasheet HTML 9Page - Motorola, Inc MC141803T Datasheet HTML 10Page - Motorola, Inc MC141803T Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC141803
3–319
MOTOROLA
100k
500k
1.0M
1.5M
2.0M
Resistor Value between OSC1 and OSC2 (
Ω)
Oscillation
Frequency
(Hz)
200k
90k
70k
50k
30k
10k
220k
Figure 1. Internal Oscillator Frequency Relationship with External Resistor Value
AC OPERATION CONDITIONS AND CHARATERISTICS
ELECTRICAL CHARACTERISTICS LCD Panel driving signal timing (TA=-30 to 85˚C, VDD = 2.4 to 3.5V, VSS = 0V)
Figure 2. LCD Driving Signal Timing Diagram
1234
1234
VLL6
VLL5
VLL4
VLL3
VLL2
VLL1
VLL6
VLL5
VLL4
VLL3
VLL2
VLL1
COMx
SEGy
1/FANN
BP, Annun0-3


Similar Part No. - MC141803T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
More results

Similar Description - MC141803T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com