Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8129GR Datasheet(PDF) 1 Page - NEC

Part # UPC8129GR
Description  SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8129GR Datasheet(HTML) 1 Page - NEC

  UPC8129GR Datasheet HTML 1Page - NEC UPC8129GR Datasheet HTML 2Page - NEC UPC8129GR Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
SI RFIC QUADRATURE MODULATOR
WITH UPCONVERTER AND AGC
WIDE OPERATING FREQUENCY RANGE:
fRFOUT = 800 MHz to 1900 MHz
fMODOUT = 100 MHz to 400 MHz, fI/Q = DC to 10 MHz
PORTS FOR EXTERNAL IF FILTER
LOW PHASE DIFFERENCE DUE TO DIGITAL PHASE
SHIFTER
WIDE SUPPLY VOLTAGE: VCC = 2.7 to 5.5 V
POWER SAVE FUNCTION
20 PIN SSOP
DESCRIPTION
The UPC8129GR is a silicon RFIC designed as a quadrature
modulator for digital mobile communication systems. This IC
consists of a 0.8 GHz to 1.9 GHz up-converter and a 100 MHz
to 400 MHz quadrature modulator which have been packaged
in a 20 pin SSOP. The device has a power save function and
operates with a 2.7 to 5.5 V supply voltage for low power
consumption.
UPC8129GR
California Eastern Laboratories
FUCTIONAL BLOCK DIAGRAM
PART NUMBER
UPC8129GR
PACKAGE OUTLINE
S20 (SSOP 20)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current (no signal) VPS
≥ 0.5 V
mA
20
28
37
VAGC = 3 V, VPS
≤ 0.5 V
µA
0.6
10
VAGC = 0 V, VPS
≤ 0.5 V
µA60
PRFOUT
Total Output Power1,2 RFOUT = 900 MHz
dBm
-8
-5
-2
RFOUT = 1900 MHz
dBm
-12
ICC
Circuit Current-Upconverter (no signal) VPS
≥ 0.5 V
mA
14
VPS
≤ 0.5 V
µA
5.0
CG
Conversion Gain1
fRF = 900 MHz, fLO = 1150 MHz
dB
12
PUPCON-IN = -20 dBm fRF = 1900 MHz, fLO = 1650 MHz
dB
5
GCR
AGC Gain Control Range VAGC = 2.5 V - 0 V
dB
28
40
PRF (SAT)
Maximum Output Power, Upconverter
fRF = 900 MHz
dBm
-1.5
PUPCON-IN = -4 dBm
fRF = 1900 MHz
dBm
-7
OIP3
Output 3rd Order Intercept Point
fRF = 900 MHz
dBm
+6
fUPCON-IN = 250.0 MHz (250.2 MHz)
fRF = 1900 MHz
dBm
-1
ICC
Circuit Current-Modulator (no signal) VPS
≥ 0.5 V
mA
14
VPS
≤ 0.5 V
µA
5.0
PMOD
Output Power-Modulator2
dBm
-16.5
LOL
LO Carrier Leakage2
dBc
-40
-26.5
IMR
Image Rejection2
dBc
-30
-26.5
IM3I/Q
I/Q 3rd Order Intermodulation Distortion2
dBc
-50
ZI/Q
I/Q Input Impedance
k
200
II/Q
I/Q Bias Current
µA5
TPS (RISE)
Power Save Rise Time VPS (Low)
VPS (High)
µS
2.0
5.0
TPS (FALL)
Power Save Fall Time VPS (High)
VPS (Low)
µS
2.0
5.0
Output Noise Floor at
∆ f = ± 20 MHz
dBc/Hz
-133
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = VPS = VAGC = 3.0 V, RPS = 1 kΩ, RAGC = 10 kΩ )
Notes:
1. PLO1 = PLO2 = -10 dBm
2. VI/Q = VI/Q = 1.5 V (DC) + 0.5 VP-P (AC), fI/QIN = 67.7 kHz
φ
I
I
LO2
LO1
RF
Filter
φ
0
°
90
°
Q
Q


Similar Part No. - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8129GR NEC-UPC8129GR Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
   TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
NEC
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
   130MHz CDMA/AMPS Quadrature Modulator and AGC
logo
RF Micro Devices
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
RF Micro Devices
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com