Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74815DRCR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS74815DRCR
Description  1.5A LDO Linear Regulator with Programmable Soft-Start
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74815DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS74815DRCR Datasheet HTML 6Page - Texas Instruments TPS74815DRCR Datasheet HTML 7Page - Texas Instruments TPS74815DRCR Datasheet HTML 8Page - Texas Instruments TPS74815DRCR Datasheet HTML 9Page - Texas Instruments TPS74815DRCR Datasheet HTML 10Page - Texas Instruments TPS74815DRCR Datasheet HTML 11Page - Texas Instruments TPS74815DRCR Datasheet HTML 12Page - Texas Instruments TPS74815DRCR Datasheet HTML 13Page - Texas Instruments TPS74815DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
INPUT, OUTPUT, AND BIAS CAPACITOR
TRANSIENT RESPONSE
V
OUT
C
OUT
10 F
m
TPS74801
GND
EN
FB
IN
PG
BIAS
SS
OUT
V
IN
R
1
R
2
R
3
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
V
=0.8
OUT
´
1+
´ 1.193
R
1
R
2
)
(
TPS74801
SBVS074 – JANUARY 2007
The TPS74801 belongs to a family of low dropout
REQUIREMENTS
regulators that feature soft-start capability. These
regulators use a low current bias input to power all
The device is designed to be stable for all available
internal control circuitry, allowing the NMOS pass
types and values of output capacitors
≥ 2.2µF. The
transistor to regulate very low input and output
device is also stable with multiple capacitors in
voltages.
parallel, which can be of any type or value.
The use of an NMOS-pass FET offers several critical
The capacitance required on the IN and BIAS pins is
advantages for many applications. Unlike a PMOS
strongly dependent on the input supply source
topology device, the output capacitor has little effect
impedance. To counteract any inductance in the
on
loop
stability.
This
architecture
allows
the
input, the minimum recommended capacitor for VIN
TPS74801 to be stable with any capacitor type of
and VBIAS is 1µF. If VIN and VBIAS are connected to
value 2.2
µF or greater. Transient response is also
the
same
supply,
the
recommended
minimum
superior to PMOS topologies, particularly for low VIN
capacitor for VBIAS is 4.7µF. Good quality, low ESR
applications.
capacitors should be used on the input; ceramic X5R
and X7R capacitors are preferred. These capacitors
The
TPS74801
features
a
programmable
should be placed as close the pins as possible for
voltage-controlled soft-start circuit that provides a
optimum performance.
smooth, monotonic start-up and limits startup inrush
currents that may be caused by large capacitive
loads. A power-good (PG) output is available to allow
supply monitoring and sequencing of other supplies.
The TPS74801 was designed to have excellent
An enable (EN) pin with hysteresis and deglitch
transient response within most applications with a
allows
slow-ramping
signals
to
be
used
for
small amount of output capacitance. In some cases,
sequencing the device. The low VIN and VOUT
the transient response may be limited by the
capability allows for inexpensive, easy-to-design, and
transient response of the input supply. This limitation
efficient linear regulation between the multiple supply
is especially true in applications where the difference
voltages
often
present
in
processor
intensive
between the input and output is less than 300mV. In
systems.
this
case,
adding
additional
input
capacitance
improves the transient response much more than just
Figure 25 illustrates the typical application circuit for
adding additional output capacitance would do. With
the TPS74801 adjustable input device.
a
solid
input
supply,
adding
additional
output
capacitance
reduces
undershoot
and
overshoot
during a transient event; refer to Figure 17 in the
Typical
Characteristics
section.
Because
the
TPS74801 is stable with output capacitors as low as
2.2
µF, many applications may then need very little
capacitance
at
the
LDO
output.
For
these
applications,
local
bypass
capacitance
for
the
powered device may be sufficient to meet the
transient requirements of the application. This design
reduces the total solution cost by avoiding the need
to use expensive, high-value capacitors at the LDO
output.
Figure 25. Typical Application Circuit for the
TPS74801 (Adjustable)
R1 and R2 can be calculated for any output voltage
using the formula shown in Figure 25. Refer to
Table 1 for sample resistor values of common output
voltages. In order to achieve the maximum accuracy
specifications, R2 should be ≤ 4.99kΩ.
10
Submit Documentation Feedback


Similar Part No. - TPS74815DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS748 TI-TPS748 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801 TI-TPS74801 Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
TPS74801 TI-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801 TI1-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74815DRCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
National Semiconductor ...
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com