Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70N06-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 70N06-TA3-T
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  70N06-TA3-T Datasheet HTML 1Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 2Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 3Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 4Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 5Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 6Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 7Page - Unisonic Technologies 70N06-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
70N06
MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R502-089,A
70 Amps, 60 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 70N06 is n-channel enhancement mode
power field effect transistors with stable off-state
characteristics, fast switching speed, low thermal
resistance, usually used at telecom and computer
application.
FEATURES
* RDS(ON) = 15mΩ@VGS = 10 V
* Ultra low gate charge ( typical 90 nC )
* Low reverse transfer Capacitance ( CRSS = typical 80 pF )
* Fast switching capability
* 100% avalanche energy specified
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
*Pb-free plating product number: 70N06L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
70N06-TA3-T
70N06L-TA3-T
TO-220
G
D
S
Tube
70N06-TF3-T
70N06L-TF3-T
TO-220F
G
D
S
Tube
70N06L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 70N06-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
70N06 ISC-70N06 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
70N06 VBSEMI-70N06 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
70N06G-T2Q-T UTC-70N06G-T2Q-T Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com