Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70N06T-TA3-L Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 70N06T-TA3-L
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06T-TA3-L Datasheet(HTML) 6 Page - Unisonic Technologies

  70N06T-TA3-L Datasheet HTML 1Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 2Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 3Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 4Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 5Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 6Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 7Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
70N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-089,A
TYPICAL CHARACTERISTICS
10
2
10
1
10
0
10
1
10-1
100
Drain-Source Voltage , VDS (V)
On-State Characteristics
10
2
10
1
10
0
2
Gate -Source Voltage , VGS (V)
Transfer Characteristics
46
8
10
35
7
9
V GS
Top : 15V
10 V
8 V
7 V
6 V
5 .5V
5V
Bottorm :4.5V
4.5V
Note:
1. VDS =25V
2. 20µs Pulse Test
11
0
Drain Current, ID (A)
30
70 80
12
13
14
15
On-Resistance Variation vs. Drain
Current and Gate Voltage
10
2
10
1
100
0.2
Source-Drain Voltage, VSD (V)
Reverse Drain Current vs. Allowable
Case Temperature
1.6
0.4
0.6 0.8 1.0 1.2 1.4
10
50
100
*Note:
1. VGS=0V
2. 250µs Test
25℃
150℃
VGS=10V
20
40
60
90
4000
0
5
Drain-Source Voltage, VDC (V)
Capacitance Characteristics
(Non-Repetitive)
1000
2000
10
0
Total Gate Charge, QG (nC)
5
15 20 25
8
10
12
Gate Charge Characteristics
10
6
4
2
0
25
6000
CISS
COSS
3000
5000
15
20
30
35
*Note:
1. VGS=0V
2. f = 1MHz
CRSS
30 35 40 45
VDS=60V
VDS=38V
*Note: ID=48A
CISS=CGS+CGD (CDS=shorted)
COSS=CDS+CGD
CRSS=CGD


Similar Part No. - 70N06T-TA3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
70N06 ISC-70N06 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
70N06 VBSEMI-70N06 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
70N06G-T2Q-T UTC-70N06G-T2Q-T Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06T-TA3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com