Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70N06T-TF3-L Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 70N06T-TF3-L
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06T-TF3-L Datasheet(HTML) 2 Page - Unisonic Technologies

  70N06T-TF3-L Datasheet HTML 1Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 2Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 3Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 4Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 5Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 6Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 7Page - Unisonic Technologies 70N06T-TF3-L Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
70N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-089,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
TC = 25℃
70
A
Continuous Drain Current
TC = 100℃
ID
56
A
Drain Current Pulsed (Note 1)
IDM
280
A
Single Pulsed Avalanche Energy (Note 2)
EAS
600
mJ
Repetitive Avalanche Energy (Note 1)
EAR
20
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
10
V/ns
Total Power Dissipation (TC = 25℃)
200
W
Derating Factor above 25℃
PD
1.4
W/℃
Operation Junction Temperature
TJ
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance, Junction-to-Case
θJC
1.2
°C/W
Thermal Resistance, Case-to-Sink
θCS
0.5
°C/W
Thermal Resistance, Junction-to-Ambient
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
60
V
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 1mA, Referenced to 25℃
0.08
V/℃
VDS = 60 V, VGS = 0 V
1
µA
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V,
TJ = 150℃
10
µA
Gate-Source Leakage Current
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
On Characteristics
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Static Drain-Source On-State
Resistance
RDS(ON)
VGS = 10 V, ID = 35 A
12
15
mΩ
Dynamic Characteristics
Input Capacitance
CISS
3300
pF
Output Capacitance
COSS
530
pF
Reverse Transfer Capacitance
CRSS
VGS = 0 V, VDS = 25 V
f = 1MHz
80
pF
Switching Characteristics
Turn-On Delay Time
tD(ON)
12
ns
Rise Time
tR
79
ns
Turn-Off Delay Time
tD(OFF)
80
ns
Fall Time
tF
VDD = 30V, ID =70 A,
VGS=10V, (Note 4, 5)
52
ns
Total Gate Charge
QG
90
140
nC
Gate-Source Charge
QGS
20
35
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 60V, VGS = 10 V
ID = 48A, (Note 4, 5)
30
45
nC


Similar Part No. - 70N06T-TF3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
70N06 ISC-70N06 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
70N06 VBSEMI-70N06 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
70N06G-T2Q-T UTC-70N06G-T2Q-T Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06T-TF3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com