Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3513-LSDATXX Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF3513-LSDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF3513-LSDATXX Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF3513-LSDATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF3513-LSDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
1/11
8/16-bit Data Bus
Static RAM Card
Connector Type
Two- piece 68-pin
DESCRIPTION
Mitsubishi’s Static RAM cards provide large
memory capacities on a device approximately the
size of a credit card(85.6mm
×54mm×3.3mm).
The cards use a 8/16 bit data bus.The devices
use a replaceable lithium battery to maintain data.
Available in 64K byte-4M byte capacities,
Mitsubishi’s Static RAM cards are available with
a 68-pin, two-piece connector.
FEATURES
Uses TSOP (Thin Small Outline Package) to
achieve very high memory density coupled
with high reliability, without enlarging card
size
MF365A-LCDATXX
MF365A-LSDATXX
MF3129-LCDATXX
MF3129-LSDATXX
MF3257-LCDATXX
MF3257-LSDATXX
MF3513-LCDATXX
MF3513-LSDATXX
MF31M1-LCDATXX
MF31M1-LSDATXX
MF32M1-LCDATXX
MF32M1-LSDATXX
MF34M1-LCDATXX
MF34M1-LSDATXX
Electrostatic discharge protectiton to 15kV
Buffered interface
68-pin connector
8-bit and 16-bit data width
Write protect switch
Battery voltage pin
LS Type Wide Range operating temperature
Ta= -20 to 70°C
APPLICATION S
Office automation
Data Communications
Computers
Industrial
Telecommunications
Consumer
PRODUCT LIST
Item
Memory
Data Bus
Attribute
Auxialiary
Memory
Outline
Main battery
Type name
capacity
width(bits)
memory
battery
organization
drawing
holder
MF365A-LCDATXX
64KB
256K bit SRAM
×2
MF3129-LCDATXX
128KB
256K bit SRAM
×4
MF3257-LCDATXX
256KB
1M bit SRAM
×2
MF3513-LCDATXX
512KB
1M bit SRAM
×4
MF31M1-LCDATXX
1MB
1M bit SRAM
×8
MF32M1-LCDATXX
2MB
1M bit SRAM
×16
MF34M1-LCDATXX
4MB
8/16
NO
NO
4M bit SRAM
×8
68P-003
Screw type
MF365A-LSDATXX
64KB
256K bit SRAM
×2
MF3129-LSDATXX
128KB
256K bit SRAM
×4
MF3257-LSDATXX
256KB
1M bit SRAM
×2
MF3513-LSDATXX
512KB
1M bit SRAM
×4
MF31M1-LSDATXX
1MB
1M bit SRAM
×8
MF32M1-LSDATXX
2MB
1M bit SRAM
×16
MF34M1-LSDATXX
4MB
4M bit SRAM
×8


Similar Part No. - MF3513-LSDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF3513-LYCATXX MITSUBISHI-MF3513-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF3513-LZCATXX MITSUBISHI-MF3513-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF3513-LSDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com