Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS-2A-0.25-5K6-16ZS-3-M Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WS-2A-0.25-5K6-16ZS-3-M
Description  WS Series Hot-Molded Carbon Composition Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WS-2A-0.25-5K6-16ZS-3-M Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WS-2A-0.25-5K6-16ZS-3-M Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Carbon composition/Industrial/Sealed
Locking-Bushing/Standard-Bushing
Meet MIL-R-94
WS Series
Hot-Molded Carbon Composition Potentiometer
Electrical Characteristics
Standard Resistance Range……….…... A: 100 to 4700K ohms
……………B/C: 1K to 1000K ohms
Resistance Tolerance………….………….. 5%, 10%, 20%
Absolute Minimum Resistance………………………..15 ohms
(for total resistance values of 100 to 820 ohms inclusive)
…………………………………………………………..1%
(for total resistance values of 1K to 4700K ohms inclusive)
Contact Resistance Variation……….……………………….5%
Insulation Resistance (100 VDC)….1,000 megohms minimum
Power Rating…………………………………………………
70
……………………………………………A: 0.5 watt
……………………………………….B/C: 0.25 watt
125 …………………………………………………0 watt
Environmental Characteristics
Temperature Range……….…………………-55
to +125
Vibration…………………………………………………..15G
Shock…………………………………………………….100G
Load Life……………………………………………………
1,000 hours, 70
………………………………A: 0.5 watt
………………………….B/C: 0.25 watt
Total Resistance Shift……………………………. 10%
Rotational Life………………………………………………
WS-1/1A (Standard-Bushing Type)………….10,000 cycles
Total Resistance Shift…………………………… 10%
WS-2/2A(Locking-Bushing Type)………………500 cycles
Total Resistance Shift…………………………… 10%
Mechanical Characteristics
Total Mechanical Angle………………………270º minimum
Torque………………………………………………………
Starting Torque………………………………0.8 to 5 N•cm
Lock Torque(Locking-Bushing Type)……………8 N•cm
Weight…………………………………….Approximately 8G
How To Order
WS – 2A – 0.5 – 4K7 – 16ZS–3 –
M
Model
Style
Power Rating
Standard Resistance
Length of Operating Shaft
(from Mounting Surface)
Slotted Shaft
Resistance Tolerance
M=20%; K=10%
Standard Resistance Table (ohms)
100
1K
10K
100K
1M
120
1K2
12K
120K
1M2
150
1K5
15K
150K
1M5
180
1K8
18K
180K
1M8
220
2K2
22K
220K
2M2
270
2K7
27K
270K
2M7
330
3K3
33K
330K
3M3
390
3K9
39K
390K
3M9
470
4K7
47K
470K
4M7
560
5K6
56K
560K
680
6K5
68K
680K
820
8K2
82K
820K
Popular values listed in boldface. Special resistance available.
Sharma Potentiometers
Tel: (949)642-SECI
SECI Engineers & Buyers' Guide
F
ax: (949)642-7327


Similar Part No. - WS-2A-0.25-5K6-16ZS-3-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
   Maintain with a minimum of spare parts and tools
logo
TE Connectivity Ltd
WS-25-001 TEC-WS-25-001 Datasheet
135Kb / 1P
   WIRE SEAL, 25mm SEAL RANGE - 8.17mm-9.66mm 8mm CONTACT
More results

Similar Description - WS-2A-0.25-5K6-16ZS-3-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
   Hot moulded carbon composition
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com