Electronic Components Datasheet Search
Selected language     English  ▼


ATMEGA3290P Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 1 page
background image
Features
High Performance, Low Power AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 130 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-Chip 2-cycle Multiplier
Non-volatile Program and Data Memories
– In-System Self-Programmable Flash, Endurance: 10,000 Write/Erase Cycles
32K bytes
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– EEPROM, Endurance: 100,000 Write/Erase Cycles
1K bytes
– Internal SRAM
2K bytes
– Programming Lock for Software Security
JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
Peripheral Features
– 4 x 25 Segment LCD Driver (ATmega329P)
– 4 x 40 Segment LCD Driver (ATmega3290P)
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
–Four PWM Channels
– 8-channel, 10-bit ADC
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Universal Serial Interface with Start Condition Detector
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and
Standby
I/O and Packages
– 54/69 Programmable I/O Lines
– 64-lead TQFP, 64-pad QFN/MLF, and 100-lead TQFP
Speed Grade:
– ATmega329PV/ATmega3290PV:
0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V
– ATmega329P/3290P:
0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V
Temperature range:
– -40°C to 85°C Industrial
Ultra-Low Power Consumption
– Active Mode:
420 µA at 1 MHz, 1.8V
– Power-down Mode:
40 nA at 1.8V
– Power-save Mode:
750 nA at 1.8V
8-bit
Microcontroller
with 32K Bytes
In-System
Programmable
Flash
ATmega329P/V
ATmega3290P/V
Preliminary
Summary
8021AS–AVR–12/06




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P89LPC94088-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash 32 segment x 4 LCD driver 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors
P8XC5928-bit microcontroller with on-chip CAN 1 2 3 4 5 MoreNXP Semiconductors
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
SCG98008-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl