Selected language     English  ▼


ATMEGA3290P Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 3 page
background image
3
8021AS–AVR–12/06
ATmega329P/3290P
Figure 1-2.
Pinout ATmega329P
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally con-
nected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If
the center pad is left unconnected, the package might loosen from the board.
1.1
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max values
will be available after the device is characterized.
2.
Overview
The ATmega329P/3290P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By
executing powerful instructions in a single clock cycle, the ATmega329P/3290P achieves throughputs approaching 1 MIPS
per MHz allowing the system designer to optimize power consumption versus processing speed.
PC0 (SEG12)
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
LCDCAP
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1 (SEG11)
PG0 (SEG14)
PC2 (SEG10)
PC3 (SEG9)
PC4 (SEG8)
PC5 (SEG7)
PC6 (SEG6)
PC7 (SEG5)
PA7 (SEG3)
PG2 (SEG4)
PA6 (SEG2)
PA5 (SEG1)
PA4 (SEG0)
PA3 (COM3)
PG1 (SEG13)
INDEX CORNER
(SS/PCINT8) PB0
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34
ATmega329




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P89LPC94088-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash 32 segment x 4 LCD driver 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors
P8XC5928-bit microcontroller with on-chip CAN 1 2 3 4 5 MoreNXP Semiconductors
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
SCG98008-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl