Electronic Components Datasheet Search
Selected language     English  ▼


ATMEGA3290P Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 4 page
background image
4
8021AS–AVR–12/06
ATmega329P/3290P
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORTA
DATA REGISTER
PORTD
TIMING AND
CONTROL
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
USART
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTE DRIVERS
PORTA DRIVERS
PORTF DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PE0 - PE7
PA0 - PA7
PF0 - PF7
VCC
GND
CONTROL
LINES
PC0 - PC7
8-BIT DATA BUS
CALIB. OSC
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
BOUNDARY-
SCAN
DATA DIR.
REG. PORTF
DATA REGISTER
PORTF
ADC
PD0 - PD7
DATA DIR.
REG. PORTG
DATA REG.
PORTG
PORTG DRIVERS
PG0 - PG4
AGND
AREF
AVCC
UNIVERSAL
SERIAL INTERFACE
AVR CPU
LCD
CONTROLLER/
DRIVER




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P89LPC94088-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash 32 segment x 4 LCD driver 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors
P8XC5928-bit microcontroller with on-chip CAN 1 2 3 4 5 MoreNXP Semiconductors
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
SCG98008-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl