Selected language     English  ▼


ATMEGA3290P Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 5 page
background image
5
8021AS–AVR–12/06
ATmega329P/3290P
The ATmega329P/3290P provides the following features: 32K bytes of In-System Programma-
ble Flash with Read-While-Write capabilities, 1K bytes EEPROM, 2K byte SRAM, 54/69 general
purpose I/O lines, 32 general purpose working registers, a JTAG interface for Boundary-scan,
On-chip Debugging support and programming, a complete On-chip LCD controller with internal
contrast control, three flexible Timer/Counters with compare modes, internal and external inter-
rupts, a serial programmable USART, Universal Serial Interface with Start Condition Detector,
an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, an SPI
serial port, and five software selectable power saving modes. The Idle mode stops the CPU
while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue function-
ing. The Power-down mode saves the register contents but freezes the Oscillator, disabling all
other chip functions until the next interrupt or hardware reset. In Power-save mode, the asyn-
chronous timer and the LCD controller continues to run, allowing the user to maintain a timer
base and operate the LCD display while the rest of the device is sleeping. The ADC Noise
Reduction mode stops the CPU and all I/O modules except asynchronous timer, LCD controller
and ADC, to minimize switching noise during ADC conversions. In Standby mode, the crys-
tal/resonator Oscillator is running while the rest of the device is sleeping. This allows very fast
start-up combined with low-power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip In-System re-Programmable (ISP) Flash allows the program memory to be repro-
grammed In-System through an SPI serial interface, by a conventional non-volatile memory
programmer, or by an On-chip Boot program running on the AVR core. The Boot program can
use any interface to download the application program in the Application Flash memory. Soft-
ware in the Boot Flash section will continue to run while the Application Flash section is updated,
providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System
Self-Programmable Flash on a monolithic chip, the Atmel ATmega329P/3290P is a powerful
microcontroller that provides a highly flexible and cost effective solution to many embedded con-
trol applications.
The ATmega329P/3290P AVR is supported with a full suite of program and system develop-
ment tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit
Emulators, and Evaluation kits.
2.2
Comparison between ATmega329P and ATmega3290P
The ATmega329P and ATmega3290P differs only in pin count and pinout. Table 2-1 on page 5
summarizes the different configurations for the four devices.
Table 2-1.
Configuration Summary
Device
Flash
EEPROM
RAM
LCD
Segments
General Purpose
I/O Pins
ATmega329P
32K bytes
1K bytes
2K bytes
4 x 25
54
ATmega3290P
32K bytes
1K bytes
2K bytes
4 x 40
69




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P89LPC94088-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash 32 segment x 4 LCD driver 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors
P8XC5928-bit microcontroller with on-chip CAN 1 2 3 4 5 MoreNXP Semiconductors
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
SCG98008-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl