Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT244CD Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT244CD
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT244CD Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT244CD Datasheet HTML 1Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 2Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 3Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 4Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 5Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
IDT54/74FCT244/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
MILITARYANDCOMMERCIALTEMPERATURERANGES
Pulse
Generator
R T
D.U.T.
V CC
V IN
C L
V OUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
IN PU T
TIM IN G
IN PU T
ASYNCHRON OUS C ONTROL
PRES ET
CLEAR
ETC.
SYNC HRO N OU S CON TRO L
tSU
tH
tREM
tSU
tH
HIGH-LOW -HIGH
PULSE
LO W -H IGH -LOW
PULSE
tW
1.5V
1.5V
SAM E PHASE
IN PU T TR ANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OU TPUT
OPPOSITE P HASE
IN PU T TR ANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CO NTR OL
IN PU T
3V
1.5V
0V
3.5V
0V
OU TPUT
NO RM A LLY
LO W
OU TPUT
NO RM A LLY
HIGH
SW ITC H
CLOSE D
SW ITC H
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENAB LE
DISA BLE
VOH
PRES ET
CLEAR
CLOC K ENABLE
ETC.
Octal lin k
Octal lin k
Octal lin k
Octal lin k
Octal lin k
TEST CIRCUITS AND WAVEFORMS
PROPAGATION DELAY
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
SET-UP, HOLD, AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
8-link
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; Zo ≤ 50Ω; tF ≤ 2.5ns;
tR
≤ 2.5ns.


Similar Part No. - IDT54FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT244CD IDT-IDT54FCT244CD Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244CDB IDT-IDT54FCT244CDB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com