Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA3290PV Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA3290PV
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290PV Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA3290PV Datasheet HTML 2Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 3Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 4Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 5Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 6Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 7Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 8Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 9Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
8021AS–AVR–12/06
ATmega329P/3290P
2.3
Pin Descriptions
The following section describes the I/O-pin special functions.
2.3.1
V
CC
Digital supply voltage.
2.3.2
GND
Ground.
2.3.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega329P/3290P as listed
on page 72.
2.3.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the ATmega329P/3290P as listed
on page 73.
2.3.5
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port C also serves the functions of special features of the ATmega329P/3290P as listed on page
76.
2.3.6
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the ATmega329P/3290P as listed
on page 77.


Similar Part No. - ATMEGA3290PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290PV ATMEL-ATMEGA3290PV Datasheet
3Mb / 360P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA3290PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com