Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U4091BM
Description  Programmable Telephone Audio Processor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4091BM Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U4091BM Datasheet HTML 1Page - TEMIC Semiconductors U4091BM Datasheet HTML 2Page - TEMIC Semiconductors U4091BM Datasheet HTML 3Page - TEMIC Semiconductors U4091BM Datasheet HTML 4Page - TEMIC Semiconductors U4091BM Datasheet HTML 5Page - TEMIC Semiconductors U4091BM Datasheet HTML 6Page - TEMIC Semiconductors U4091BM Datasheet HTML 7Page - TEMIC Semiconductors U4091BM Datasheet HTML 8Page - TEMIC Semiconductors U4091BM Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
U4091BM
Target Specification
5 (29)
Rev. A1, 02-Jun-98
For line voltages below 2 V, the switches remain in
quiescent state as shown in the diagram.
2. When the chip is in power-down mode (Bit
LOMAKE), e.g., during pulse dialing, all internal
blocks are disabled via the serial bus. In this condition,
the voltage regulators and their internal bandgap are
the only active blocks.
3. During ringing, the supply for the system is fed into
VB via the Ringing Power Converter (RPC).
Normally, the speaker amplifier in single-ended mode
is used for ringing. The frequency for the melody is
generated by the DTMF/Melody generator.
4. In an answering machine, the chip is powered by an
external supply via Pin VB. The answering machine
connections can be directly put to U4091BM. The
answering machine is connected to the Pin AMREC.
For the output AMREC, an AGC function is select-
able via the serial bus. The output of the answering
machine will be connected to the Pin AMPB, which is
directly connected to the switching matrix, and thus
enables the signal to be switched to every desired
output.
14573
+
+
3.3 V
5.5 V
VMPS
VMP
5.5 V
V
470
µF
300 k
+
R
47
µF
220
µF
1
µF
10
RSENSE
R
IND
C
VL
VB
Figure 3. Supply generator
Ringing Power Converter (RPC)
The RPC transforms the input power at VRING (high
voltage/ low current) into an equivalent output power at
VB (low voltage/ high current) which is capable of
driving the low-ohmic loudspeaker. The input impedance
at VRING is adjustable from 3 k
W to 12 kW by RIMPA
(ZRING = RIMPA / 100) and the efficiency of the step-
down converter is approximately 65%.
Ringing Frequency Detector (RFD)
The U4091BM provides an output signal for the
microcontroller. This output signal is always double the
value of the input signal (ringing frequency). It is
generated by a current comparator with hysteresis. The
levels for the on-threshold are programmable in 16 steps;
the off-level is fixed. Every change of the comparator
output generates a high level at the interrupt output INT.
The information can then be read out by means of a serial
bus with either normal or fast read mode. The block RFD
is always enabled.
RINGTH[0:3]
VRING
0
7 V
15
22 V
step
1 V
Clock Output Divider Adjustment
The Pin OSCOUT is a clock output which is derived from
the crystal oscillator. It can be used to drive a micro-
controller or another remote component and thereby
reduces the number of crystals required. The oscillator
frequency can be divided by 1, 8, 16, 32. During power-on
reset, the divider will be reset to 1 until it is changed by
setting the serial bus.
CLK[0:1]
Divider
Frequency
0
1
3.58 MHz
1
8
447 kHz
2
16
224 kHz
3
32
112 kHz
Serial Bus Interface
The circuit is controlled by an external microcontroller
through the serial bus.
The serial bus is a bi-directional system consisting of a
one-directional clock line (SCL) which is always driven
by the microcontroller, and a bi-directional data-signal
line. It is driven by the microcontroller as well as from the
U4091BM (see fig. 23).
The serial bus requires external pull-up resistors as only
pull-down transistors (Pin SDA) are integrated.
WRITE:
The data is a 12-bit word:
A0 – A3: address of the destination register (0 to 15)
D0 – D7: content of the register
The data line must be stable when the clock is high. Data
must be shifted serially.
After 12 clock periods, the write indication is sent. Then,
the transfer to the destination register is (internally)
generated by a strobe signal transition of the data line
when the clock is high.


Similar Part No. - U4091BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFN ATMEL-U4091BM-NFN Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFNG3 ATMEL-U4091BM-NFNG3 Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNG3Y ATMEL-U4091BM-RFNG3Y Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - U4091BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com